Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R6110
Description  Remote management support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R6110 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6110 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
(1) RS-232/422/485 selectable
(2) One RS-232/422/485 selectable, one Tx, Rx signals only
(3) One for onboard 2.5” SATA, one 7-pin connector for external HDD (4) Tx, Rx signals only
(5) Two 7-pin signal connectors onboard for external HDDs and one direct connector for onboard 2.5” SATA HDD. SATA direct connector can be replaced by CompactFlash adapter
(DB-6920CF) for CF slot
(6) Converted from USB
(7) Space is reserved onboard for one 2.5” SATA drive.
Ordering Information
Model Number
Description/Configuration
Processor Blades
cPCI-6210/710Q/M8G
4HP cPCI-6210 with Intel® i7-2710QE processor
and 2x 4GB DDR3-1333 SODIMM with GbE x3,
COM, DP, DVI-I, USB x3, SATA x2, PS/2 KB/MS,
CFast
cPCI-6210/510E/M4G
4HP cPCI-6210 with Intel® i5-2510E processor and
2x 2GB DDR3-1333 SODIMM with GbE x3, COM,
DP, DVI-I, USB x3, SATA x2, PS/2 KB/MS, CFast
cPCI-6210D/710Q/M8G
8HP cPCI-6210 with Intel® i7-2710QE processor
and 2x 4GB DDR3-1333 SODIMM with GbE x3,
COM x2, DP, DVI-I, USB x3, SATA x2, PS/2 KB/MS
and PMC/XMC, CFast
Rear Transition Modules
cPCI-R6100
4HP Rear I/O module with GbE x4, COM, USB x4,
SATA x2, DVI, VGA, PS/2, CF, SD socket
cPCI-R6110
4HP Rear I/O module with GbE x2, USB x4,
SATA x3, VGA, PS/2, CF, SD socket
cPCI-R6200
8HP Rear I/O module with GbE x2, USB x6, DVI-I,
SATA x3, Mic-in, Line-out, PS/2 KB/MS, SAS x8
cPCI-R6700D
8HP Rear I/O module with discrete GPU ATI/AMD
E4690, DVI-I x2, GbE x2, USB x3, COM x2, PS/2,
SATA x3, audio
cPCI-R6500D
2-slot 8HP cPCI-R6500DAC with AMD Radeon
E6760 MXM module, 2x GbE, 1x DVI-I, 1xDVI-D,
1x USB, , 3x SATA and 10-pin KB/MS, audio,
2x COM headers
See 6U RTM selection guide for more options
Accessories
DP-DVI cable
DisplayPort to DVI adapter cable
DP-VGA cable
DisplayPort to VGA adapter cable
DP-HDMI cable
DisplayPort to HDMI adapter cable
Contact us for different CPU, memory, HDD and CFast combinations.
See 6U RTM selection guide for more options.
GbE
USB
2.0
COM
DVI
VGA
DP
PMC/
XMC
SATA
CFast
CF
Mic-in
Line-out
PS/2
KB/MS
SD
SAS
SBC
cPCI-6210
Faceplate
3
3
1(1) (DB-9)
1 (DVI-I)
1
1
Onboard
2(3)
1
cPCI-6210D
Faceplate
3
3
2(1) (DB-9)
1 (DVI-I)
1
1
Onboard
1
2(3)
1
RTM
cPCI-R6100
Faceplate
4
4
1
(RJ-45)
1
1
1
Onboard
2
(7-pin)
1(6)
1
cPCI-R6110
Faceplate
2
4
1
1
Onboard
3(5)
1(6)
1
cPCI-R6200
Faceplate
2
5
1 (DB-9)
1 (DVI-I)
1
1
1
4 (SFF-
8088)
Onboard
1
(5-pin)
1(4)
(10-pin)
3(5)
1(5)
4 (SFF-
8087)
cPCI-R6700D Faceplate
2
3
1 (DB-9)
2 (DVI-I)
1
Onboard
2
1(4)
(10-pin)
3(7)
(7-pin)
1
(10-pin)
cPCI-R6500D Faceplate
2
1
2 (DVI-I+DVI-D)
Onboard
1
(10-pin)
2(2)
3(7)
(7-pin)
1 (10-pin)
1
(10-pin)
cPCI-R6200
USB x2
SATA
Line-out
Mic-in
USB
SATA
iSAS
COM
DVI-I
USB
USB
eSAS
COM
USB
GbE
GbE
KB/MS
cPCI-R6700D
PS/2
KB/MS
COM
USB x3
LAN x2
SATA x3
DVI-I x2
cPCI-R6100
CF
DVI-D
COM
LAN
LAN
SD
VGA
USB x4
PS/2 KB/MS
cPCI-R6500D
SATA
LAN
MxM
Module
DVI
2-12
7
2
1
3
4
5
6
9
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com