Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6110
Description  Remote management support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6110 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6110 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
Specifications
Processor & System
CPU
uFC-PGA Intel® Core™ i7-2710QE Processor 2.1GHz
(Turbo boost to 3GHz), 6MB LLC, 45W TDP (4C)
uFC-PGA Intel® Core™ i5-2510E Processor 2.5GHz
(Turbo boost to 3.2GHz), 3MB LLC, 35W TDP (2C)
uFC-PGA Intel® Celeron® B810 Processor 1.6GHz,
2MB LLC, 35W TDP (2C)
Supports Intel® Hyper-Threading and Turbo Boost
Technology for Core™ i5/i7 processors
Chipset
Intel® QM67 PCH
Memory
Dual channel DDR3-1066/1333/1600 SDRAM via two
SODIMM sockets, up to 16GB capacity (dependent on
available memory modules)
BIOS
AMI® EFI BIOS, 64Mbit SPI flash memory
CompactPCI Bus
PCI 64bit/ 66MHz, 3.3V or 5V universal V(I/O)
Supports operation in system slot as master or in
peripheral slot as stand-alone blade without connectivity to
CompactPCI® bus (Satellite mode)
PICMG Standards
PICMG 2.0 CompactPCI R3.0
PICMG 2.1 Hot Swap R2.0
PICMG 2.9 System Management R1.0
PICMG 2.16 Packet Switch Backplane R1.0
Connectivity
PMC/XMC
One PCI 32bit, 33/66MHz PMC or PCIe x8 XMC site (8HP only)
Ethernet
Three PCI Express Intel® 82574L GbE and one Intel®
82579LM PHY controllers for four 10/100/1000BASE-T ports
Three RJ-45 ports on front panel; two to J3 for PICMG 2.16
(one switched from front panel)
Supports KVM Redirection and SOL
Graphics
Integrated in Intel® Core™ processor, 3D engine
One DVI-I (digital+analog) port on front panel, analog RGB is
switchable to rear, supports up to QXGA 2048x1536 pixels
@75Hz, 32bits
One dual mode DisplayPort on front panel, supports up to
2560×1600 pixels @60Hz; DVI, VGA and HDMI interfaces are
available by adapter cables
One DVI port routed to rear
Additional discrete ATI/AMD E4690 GPU supporting two
DVI-I ports on RTM cPCI-R6700
Up to four independent displays
USB
Up to three USB 2.0 front panel ports
Six USB ports routed to rear
PS/2
Front panel PS/2 keyboard mouse port
Serial Port
Up to two serial ports on front panel (1 for 4HP, 2 for 8HP)
Supports RS-232/422/485 on COM1
Additional two serial ports routed to rear
Audio
High Definition Audio signals routed to rear
Storage
SBC
One SATA 6 Gb/s direct connector for 2.5” onboard HDD/SSD
One SATA 6 Gb/s signal connector (7-pin) on board
Onboard CFast socket on SATA 3 Gb/s
RTM
Up to 3 SATA ports
CF (x1) and SD (x1) sockets
Eight SAS ports by LSISAS1068E with hardware RAID by two
mini SAS x4 connectors
Operating System
OS
Microsoft Windows® XP
Microsoft Windows® 7
RedHat Enterprise Linux 6
Fedora 14
Wind River VxWorks 6.9, 6.8, 5.4
(Please contact ADLINK for other OS support)
Miscellaneous
LED
Power, WDT, Hard Disk, Hot Swap
Battery
Coin cell lithium battery onboard for RTC CMOS RAM
TPM
Atmel AT97SC3204 (optional, support upon request)
Watchdog Timer
System Reset and NMI, with programmable interval, 1-65535
seconds or minutes
Hardware Monitor
Monitors CPU temperature, system temperature, Vcore and
DC voltages
Mechanical & Environmental
Form Factor
6U 4HP/8HP CompactPCI®
233.33mm x 160mm (LxW)
Equipped with CompactPCI connectors J1, J2, J3, J5
Operating Temperature 0°C to 60°C
-40°C to 70°C extended temperature (cPCI-ET6210 models)
-40°C to +85°C extreme extended temperature (CPUs with
35W TDP, 8HP only)
Storage Temperature
-40°C to 85°C
RH Humidity
95% non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
2 Grms random vibration, 5-500Hz, each axis
Power Consumption*
1.35A@3.3V, 7.9A@5V, total 44W for Core i5-2510E
1.36A@3.3V, 13.56A@5V, total 72.3W for Core i7-2710QE
*100% CPU loading under Windows XP with Turbo Boost
and Hyper-Threading enabled
EMI/EMC
EN 55022 Class A, EN 55024, EN 61000-3-2, EN 61000-3-3
6U CompactPCI® Quad-Core 2nd Generation
Intel® Core™ i7 Processor Host/Peripheral Blade
cPCI-6210 Series
Features
Quad-core Intel® Core™ i7-2710QE
processor @2.1GHz
DisplayPort, DVI and VGA graphics
interfaces
SATA 6 Gb/s and CFast storage interfaces
PCI Express x8 XMC slot in 8HP version
Remote management support
cPCI-6210D
cPCI-6210
KB/MS
PMC/
XMC
COM
DP
DVI-I
LAN
USB
COM
CompactPCI R
2
2-11


Similar Part No. - CPCI-R6110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
528Kb / 2P
Two USB 3.0, four GbE ports on front panel
More results

Similar Description - CPCI-R6110

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V258 EXAR-XR17V258 Datasheet
1Mb / 70P
66MHZ PCI BUS OCTAL UART WITH POWER MANAGEMENT SUPPORT
XR17V254 EXAR-XR17V254 Datasheet
1Mb / 70P
66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
Reset Management and Clock Management Support IC for Microcontrollers
logo
Exar Corporation
XR17V254 EXAR-XR17V254_08 Datasheet
1Mb / 70P
66MHZ PCI BUS QUAD UART WITH POWER MANAGEMENT SUPPORT
logo
Synaptics Incorporated.
CX93040 CONEXANT-CX93040 Datasheet
683Kb / 2P
Remote Site Management
logo
MRV Communications, Inc...
EM316FDT1E1RM MRV-EM316FDT1E1RM Datasheet
642Kb / 3P
T1/E1/J1 with Ethernet and Remote Management
logo
Advantech Co., Ltd.
WISE-PAAS ADVANTECH-WISE-PAAS Datasheet
703Kb / 3P
IoT Device Remote Monitoring and Management Platform
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
Power-Path Management and USB-OTG Support
logo
ON Semiconductor
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
logo
Advantech Co., Ltd.
IPS-M420-LFA-SG-C ADVANTECH-IPS-M420-LFA-SG-C Datasheet
251Kb / 1P
Integrated Power System and Remote Management Package
20-Sep-2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com