Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R6110
Description  One PCI-Express x8 XMC site
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R6110 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6110 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
(1) Tx, Rx signals only
(2) Two 7-pin signal connectors onboard for external HDDs and one direct connector for onboard 2.5” SATA HDD. Optional CompactFlash slot is supported by replacing SATA
connector adapter with CompactFlash adapter. SATA HDD and CF cannot be used simultaneously.
(3) Converted from USB
Ordering Information
Model Number
Description/Configuration
Processor Blades
cPCI-6510/610/M4G
6U CompactPCI® blade with Core™ i7 610E
2.53GHz and 4GB DDR3-1066 ECC soldered
onboard memory, dual PMC sites
cPCI-6510V/610/M8G
6U CompactPCI® blade with Core™ i7 610E
2.53GHz and 8GB DDR3-1066 ECC soldered
onboard memory, single PMC site
cPCI-6510V/620L/M4G
6U CompactPCI® blade with Core™ i7 620LE
2.0GHz and 4GB DDR3-1066 ECC soldered
onboard memory, single PMC site
cPCI-ET6510V/620L/M4G
6U CompactPCI® blade with Core™ i7 620LE
2.0GHz and 4GB DDR3-1066 ECC soldered
onboard memory, single PMC site and
-20°C to +70°C operating
cPCI-EX6510V/620L/M4G
6U CompactPCI® blade with Core™ i7 620LE
2.0GHz and 4GB DDR3-1066 ECC soldered
onboard memory, single PMC site and
-40°C to +80°C operating
Rear Transition Modules
cPCI-R6002
4HP Rear I/O module with GbE x2, COMx2,
USB x3, SATA x2, DVI-I
cPCI-R6100
4HP Rear I/O module with GbE x4, COM, USB x4,
SATAx2, DVI, VGA, PS/2, CF, SD socket
cPCI-R6110
4HP Rear I/O module with GbE x2, USB x4,
SATA x3, VGA, PS/2, CF, SD socket
cPCI-R6700
4HP Rear I/O module with discrete GPU ATI/AMD
E4690, DVI-I x2, GbE x2, USB x3, COM x2, KB/MS
hearder, SATA x3, audio header
cPCI-R6200
8HP Rear I/O module with GbE x2, USB x6, DVI-I,
SATA x3, Mic-in, Line-out, PS/2 KB/MS, SAS x8
cPCI-R6210
4HP Rear I/O module with USB x2, DVI-I, PIM x2,
COM x1, SATA x2
Mezzanines
DB-CF-SA
CompactFlash socket adapter card
(for cPCI-R6110 and cPCI-R6200)
Contact us for different CPU, memory options.
See 6U RTM selection guide for more options.
GbE
USB 2.0
COM
DVI
VGA
PMC
XMC
SATA
CF
Mic-in Line-out
PS/2
KB/MS
SD
SAS
SBC
cPCI-6510
Faceplate
2
2
Onboard
2
1
1
cPCI-6510V
Faceplate
2
3
1
(RJ-45)
1 (DVI-I)
Onboard
1
1
1
(for 2.5”
HDD)
1
RTM
cPCI-R6002
Faceplate
2
2
1
(DB-9)
1 (DVI-I)
Onboard
1 (5-pin)
1(1)
(10-pin)
2 (7-pin)
cPCI-R6100
Faceplate
4
4
1
(RJ-45)
1
1
1
Onboard
2 (7-pin)
1(3)
1
cPCI-R6110
Faceplate
2
4
1
1
Onboard
3(2)
1(3)
1
cPCI-R6200
Faceplate
2
5
1 (DB-9)
1 (DVI-I)
1
1
1
4 (SFF-8088)
Onboard
1 (5-pin)
1(1)
(10-pin)
3(2)
1(2)
(optional)
4 (SFF-8087)
cPCI-R6700
Faceplate
2
3
1 (DB-9)
2 (DVI-I)
Onboard
2
1(1)
(10-pin)
3 (7-pin)
1 (10-pin)
1 (10-pin)
cPCI-R6500D
Faceplate
2
1
2 (DVI-I +DVI-D)
Onboard
1
(10-pin)
2
(10-pin)
3 (7-pin)
1
(10-pin)
1
(10-pin)
cPCI-R6200
cPCI-R6100
cPCI-R6002
RGB
CF
USB x2
SATA
Line-out
Mic-in
USB
SATA
iSAS
COM
DVI-I
USB
USB
eSAS
COM
USB
GbE
GbE
KB/MS
COM
LAN
LAN
SD
VGA
USB x4
PS/2 KB/MS
COM
USB x2
GbE
7-pin
SATA
10-pin
RS-232
7-pin SATA
cPCI-R6700
COM
USB x3
LAN x2
SATA x3
DVI-I x2
DVI-D
2-16
7
2
1
3
4
5
6
9
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com