Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6110
Description  One PCI-Express x8 XMC site
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6110 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6110 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
Specifications
Processor & System
CPU
μFC-BGA Intel® Core™ i7-610E Processor 2.53GHz,
4 MB L2, TDP 35W
μFC-BGA Intel® Core™ i7-620LE Processor 2.0GHz,
4 MB L2, TDP 25W
μFC-BGA Intel® Core™ i7-620UE Processor 1.06GHz,
4 MB L2, TDP 18W
μFC-BGA Intel® Core™ i5-520E Processor 2.4GHz,
3 MB L2, TDP 35W
μFC-BGA Intel® P4505 1.86GHz, 2 MB L2, TDP 35W
μFC-BGA Intel® U3405 1.06GHz, 2 MB L2, TDP 18W
Chipset
Intel® QM57 PCH
Memory
Dual Channel DDR3-800/1066 MHz with ECC soldered
onboard, maximum capacity 8GB
BIOS
AMI® EFI BIOS, 64Mbit SPI flash memory
CompactPCI Bus
PCI 64-bit/66MHz, 3.3V or 5V universal V(I/O)
Supports operation in system and peripheral slots with
CompactPCI® bus communication (Universal mode)
PICMG Standards
PICMG® 2.0 CompactPCI® R3.0
PICMG® 2.1 Hot Swap R2.0
PICMG® 2.9 System Management R1.0
PICMG® 2.16 Packet Switching Backplane R1.0
Connectivity
PMC/XMC
Two PCI 64bit/133MHz PMC sites with rear I/O (PIM)
One PCI-Express x8 XMC site shared with inner PMC site
Ethernet
Four PCI-Express Intel® 82574L Gigabit Ethernet controllers
Two 10/100/1000BASE-T front panel ports
Two 10/100/1000BASE-T PICMG 2.16 ports
Two additional 10/100/1000BASE-T ports from Intel®
82576EB on RTM cPCI-R6100
Graphics
Integrated in Intel® Core™ i7 Processor
Two DVI channels, one to front and one to rear
Up to QXGA analog signal, switchable to front or rear
Additional discrete ATI/AMD E4690 GPU supporting two
DVI-I ports on RTM cPCI-R6700
One front panel DVI-I (digital+analog) port (cPCI-6510V only)
USB
Up to three USB 2.0 front panel ports
(two for cPCI-6510, three for cPCI-6510V)
Six USB ports routed to rear
PS/2
PS/2 Keyboard Mouse port is routed to rear
Serial Port
Max. three 16C550 compatible serial ports
One RJ-45 port on front panel (cPCI-6510V only), two serial
ports routed to rear
Audio
High Definition Audio signals routed to rear
Storage
SBC
One removable Serial ATA direct connector for 2.5” onboard
HDD, occupies outer PMC site
CompactFlash socket onboard (Standard temperature range
support only)
RTM*
Up to 3 SATA ports
CF (x1) and SD (x1) sockets
Eight SAS ports by LSISAS1068E with hardware RAID by two
mini SAS x4 connectors
*Available interfaces dependent on RTM model selected
Operating System
OS
Microsoft Windows® 2008 Server
Microsoft Windows® XP Professional SP3
Microsoft Windows® 7
Fedora™ 12
Red Hat Enterprise 6.1
WindRiver VxWorks 6.8
(Please contact ADLINK for other OS support)
Miscellaneous
LED
Power (green), WDT (amber), Hot Swap (blue), Hard Disk (red)
Battery
Coin cell lithium battery onboard for RTC CMOS RAM
Watchdog Timer
System Reset and NMI, with programmable interval, 1-65535
seconds or minutes
Hardware Monitor
Monitors CPU temperature, system temperature, Vcore and
DC voltages
Mechanical & Environmental
Form Factor
6U 4HP CompactPCI®
Operating Temperature 0°C to +60°C
-20°C to +70°C (cPCI-ET6510)
-40°C to +80°C (cPCI-EX6510)
Storage Temperature
-40°C to +85°C
Rel. Humidity
95% non-condensing
Shock
20G peak-to-peak, 11ms duration, non-operating
Vibration
2 Grms random vibration, 5-500Hz, each axis, operating
Power Consumption
Core™ i7-610E 2.53GHz, soldered 2GB DDR3-1067 under
Windows® XP with 100% CPU loading
Current (A)
Power (W)
5V
4.44
22.21
3.3V
6.09
20.10
Total
42.31
Weight
Net weight 793.5g with heatsink
EMI/EMC
EN 55022 Class A, EN 55024, EN 61000-3-2, EN 61000-3-3
6U CompactPCI® Intel® Core™ i7 Universal
Blade with two PMC sites
cPCI-6510 Series
Features
32nm Intel® Core™ i7 SV, LV, ULV
processors with ECC
Up to 8GB DDR3-1066 ECC soldered
memory
Two 64-bit/133MHz PMC sites with
rear I/O
One PCI-Express x8 XMC site
Optional dual DVI ports for independent
displays
CompactPCI R
cPCI-6510V
cPCI-6510
PMC
PMC/XMC
LAN
USB
USB
COM
DVI-I
2
2-15


Similar Part No. - CPCI-R6110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
549Kb / 2P
Remote management support
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
CPCI-R6110 ETC2-CPCI-R6110 Datasheet
528Kb / 2P
Two USB 3.0, four GbE ports on front panel
More results

Similar Description - CPCI-R6110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
PCI Express Clock
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
PCI & MINI PCI EXPRESS
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
PCI Express
87715-9X00 MOLEX-87715-9X00 Datasheet
173Kb / 2P
PCI Express* connector
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
Controlled Baseline One Assembly/Test Site, One Fabrication Site
logo
List of Unclassifed Man...
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
logo
Axiomtek Co., Ltd.
CEB94008 AXIOMTEK-CEB94008_15 Datasheet
276Kb / 1P
One Mini PCI Express card slot
logo
ADL Embedded Solutions
ADLGS45PC ADL-ADLGS45PC_16 Datasheet
643Kb / 2P
PCI/104-Express
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com