Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5342DDVRG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TAS5342DDVRG4
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342DDVRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5342DDVRG4 Datasheet HTML 10Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 11Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 12Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 13Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 14Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 15Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 16Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 17Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
www.ti.com
T – CaseTemperature – °C
C
THD+Nat10%
4 Ω
3 Ω
0
50
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
10
120
20
30
40
50
60
70
80
90
100
110
TYPICAL CHARACTERISTICS, PBTL CONFIGURATION
T =75°C
THD+Nat10%
C
4 Ω
2 Ω
8 Ω
8 Ω
4 Ω
4 Ω
4 Ω
3 Ω
PVDD – SupplyVoltage – V
0
250
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
0
30
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
20m
100m
500m
2
10
50
200
T =75°C
THD+Nat10%
C
4 Ω
8 Ω
2 Ω
3 Ω
P – OutputPower – W
O
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS, SE CONFIGURATION (continued)
OUTPUT POWER
vs
CASE TEMPERATURE
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 11.
Figure 12.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com