Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5342DDVRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS5342DDVRG4
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5342DDVRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5342DDVRG4 Datasheet HTML 18Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 19Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 20Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 21Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 22Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 23Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 24Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 25Page - Texas Instruments TAS5342DDVRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.ti.com
Overcurrent (OC) Protection With Current
Pin-To-Pin Short Circuit Protection System
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
voltage on the bootstrap capacitors is less than
In general, it is recommended to follow closely the
required for proper control of the High-Side
external component selection and PCB layout as
MOSFETs, the device will initiate bootstrap capacitor
given in the Application section.
recharge sequences until the bootstrap capacitors are
For added flexibility, the OC threshold is
properly charged for robust operation. This function
programmable within a limited range using a single
may be activated with PWM pulses less than 30 nS.
external resistor connected between the OC_ADJ pin
Therefore, TI strongly recommends using a TI PWM
and AGND. (See the Electrical Characteristics section
processor, such as TAS5518, TAS5086 or TAS5508,
of this data sheet for information on the correlation
with the modulation index set at 97.7% to interface
between programming-resistor value and the OC
with TAS5342.
threshold.) It should be noted that a properly
functioning overcurrent detector assumes the
presence of a properly designed demodulation filter at
Limiting and Overload Detection
the power-stage output. Short-circuit protection is not
provided directly at the output pins of the power stage
The device has independent, fast-reacting current
but only on the speaker terminals (after the
detectors with programmable trip threshold (OC
demodulation filter). It is required to follow certain
threshold) on all high-side and low-side power-stage
guidelines when selecting the OC threshold and an
FETs. See the following table for OC-adjust resistor
appropriate demodulation inductor:
values. The detector outputs are closely monitored by
OC-Adjust Resistor Values
Max. Current Before OC Occurs
two protection systems. The first protection system
(k
Ω)
(A), TC=75°C
controls the power stage in order to prevent the
27
10.1
output current from further increasing, i.e., it performs
a current-limiting function rather than prematurely
33
9.1
shutting down during combinations of high-level
47
7.1
music transients and extreme speaker load
impedance drops. If the high-current situation
The reported max peak current in the table above is
persists, i.e., the power stage is being overloaded, a
measured with continuous current in 1 Ω, one
second protection system triggers a latching
channel active and the other one muted.
shutdown, resulting in the power stage being set in
the high-impedance (Hi-Z) state. Current limiting and
overload protection are independent for half-bridges
(PPSC)
A and B and, respectively, C and D. That is, if the
The PPSC detection system protects the device from
bridge-tied load between half-bridges A and B causes
permanent damage in the case that a power output
an overload fault, only half-bridges A and B are shut
pin (OUT_X) is shorted to GND_X or PVDD_X. For
down.
comparison the OC protection system detects an over
• For the lowest-cost bill of materials in terms of
current after the demodulation filter where PPSC
component selection, the OC threshold measure
detects shorts directly at the pin before the filter.
should be limited, considering the power output
PPSC detection is performed at startup i.e. when
requirement and minimum load impedance.
VDD is supplied, consequently a short to either
Higher-impedance loads require a lower OC
GND_X or PVDD_X after system startup will not
threshold.
activate the PPSC detection system. When PPSC
• The demodulation-filter inductor must retain at
detection is activated by a short on the output, all half
least 5 μH of inductance at twice the OC threshold
bridges are kept in a Hi-Z state until the short is
setting.
removed, the device then continues the startup
sequence and starts switching. The detection is
Unfortunately, most inductors have decreasing
controlled globally by a two step sequence. The first
inductance
with
increasing
temperature
and
step ensures that there are no shorts from OUT_X to
increasing current (saturation). To some degree, an
GND_X, the second step tests that there are no
increase in temperature naturally occurs when
shorts from OUT_X to PVDD_X. The total duration of
operating at high output currents, due to core losses
this process is roughly proportional to the capacitance
and the dc resistance of the inductor's copper
of the output LC filter. The typical duration is < 15
winding. A thorough analysis of inductor saturation
ms/μF. While the PPSC detection is in progress, SD
and thermal properties is strongly recommended.
is kept low, and the device will not react to changes
Setting the OC threshold too low might cause issues
applied to the RESET pins. If no shorts are present
such as lack of enough output power and/or
the PPSC detection passes, and SD is released. A
unexpected shutdowns due to too-sensitive overload
device reset will not start a new PPSC detection.
detection.
22
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com