Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4601 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT4601
Description  1.5A Current Limited P-Channel Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4601 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT4601 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SmartSwitch™
General Description
The
AAT4601
SmartSwitch™
is
part
of
AnalogicTech's
Application
Specific
Power
MOSFET™ (ASPM™) product family. It is a 1.5A
Current Limited P-channel MOSFET power switch
designed for high-side load-switching applications.
This switch operates with inputs ranging from 2.7V
to 5.5V, making it ideal for both 3V and 5V sys-
tems. An integrated current-limiting circuit protects
the input supply against large changes in load cur-
rent which could cause the supply to fall out of reg-
ulation. The AAT4601 has protection from thermal
overload which limits power dissipation and junc-
tion temperatures.
The maximum current limit
level is 1.5A; the actual threshold is programmed
with a resistor from the SET pin to ground. The qui-
escent supply current is typically 12µA. In shut-
down mode, the supply current decreases to less
than 1µA.
The AAT4601 is available in 8-pin SOP or TSSOP
specified over -40 to 85°C.
Features
•
2.7V to 5.5V Input voltage range
•
Programmable over current threshold
•
Low quiescent current
•
12µA typical
•
Less than 1µA with Switch off
•
Only 2.5V needed for ON Control
•
Thermal Shutdown
•
Fault Flag
•
2ms Fault Blanking
•
Undervoltage Lockout
•
Temperature range -40 to 85°C
•
2kV ESD rating
•
UL Approved—File No. E217765
•
8-pin SOP or TSSOP package
Applications
•
USB ports
•
Notebook computers
•
Peripheral ports
•
Hot swap supplies
UL Recognized Component
AAT4601
1.5A Current Limited P-Channel Switch
Typical Application
AAT4601
ON
IN
OUT
SET
GND
ON
1
µF
100k
Ω
R
SET
1uF
INPUT
OUTPUT
IN
OUT
FAULT
1
2
8
3
6
7
5
4
4601.2001.11.0.92
1


Similar Part No. - AAT4601

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4601 AAT-AAT4601 Datasheet
341Kb / 16P
1.8A Current Limited P-Channel Switch
2006.05.1.3
logo
Skyworks Solutions Inc.
AAT4601 SKYWORKS-AAT4601 Datasheet
1Mb / 13P
1.8A Current Limited P-Channel Switch
May 3, 2012
logo
Advanced Analogic Techn...
AAT4601A ANALOGICTECH-AAT4601A Datasheet
343Kb / 16P
1.8A Current Limited P-Channel Switch
logo
Skyworks Solutions Inc.
AAT4601A SKYWORKS-AAT4601A Datasheet
1Mb / 14P
1.8A Current Limited P-Channel Switch
May 3, 2012
logo
Advanced Analogic Techn...
AAT4601AIAS-T1 ANALOGICTECH-AAT4601AIAS-T1 Datasheet
343Kb / 16P
1.8A Current Limited P-Channel Switch
More results

Similar Description - AAT4601

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4601A ANALOGICTECH-AAT4601A Datasheet
343Kb / 16P
1.8A Current Limited P-Channel Switch
logo
Advanced Analog Technol...
AAT4601 AAT-AAT4601 Datasheet
341Kb / 16P
1.8A Current Limited P-Channel Switch
2006.05.1.3
logo
Diodes Incorporated
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Skyworks Solutions Inc.
AAT4601 SKYWORKS-AAT4601_12 Datasheet
1Mb / 13P
1.8A Current Limited P-Channel Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com