Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4601 Datasheet(PDF) 13 Page - Advanced Analogic Technologies

Part # AAT4601
Description  1.5A Current Limited P-Channel Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4601 Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button AAT4601 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 13Page - Advanced Analogic Technologies AAT4601 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TSSOP-8
A1
b
e
E
1
2
A
A2
E1
DETAIL A
R
L1
L
0.20
D
R1
2
E
1
DETAIL A
AAT4601
1.5A Current Limited P-Channel Switch
4601.2001.11.0.92
13
Dim
Millimeters
Inches
Min
Max
Min
Max
A
1.05
1.20
0.041
0.047
A1
0.05
0.15
0.002
0.006
A2
-
1.05
-
0.041
b
0.25
0.30
0.010
0.012
c
0.127
0.005
D-8
2.90
3.10
0.114
0.122
D-28
9.60
9.80
0.378
0.386
E
4.30
4.50
0.170
0.177
E1
6.20
6.60
0.244
0.260
e
0.65 BSC
0.025 BSC
L
0.50
0.70
0.20
0.028
L1
1.0
0.039
R
0.09
-
0.004
-
R1
0.09
-
0.004
-
θ10°
8°
0°
8°
θ2
12°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com