Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV1860-2R7107-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HV1860-2R7107-R
Description  Supercapacitors HV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HV1860-2R7107-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HV1860-2R7107-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HV1860-2R7107-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
CooperBussmannPowerStorsupercapacitorsareunique,ultra-high
capacitancedevicesutilizingelectrochemicaldoublelayercapacitor(EDLC)
constructioncombinedwithnew,highperformancematerials.This
combinationofadvancedtechnologiesallowsCooperBussmanntooffera
widevarietyofcapacitorsolutionstailoredtospecificapplicationsthatrange
fromafewmicro-ampsforseveraldaystoseveralampsformilliseconds.
Features&Benefits
• UltralowESRforhighpowerdensity
• Largecapacitanceforhighenergydensity
• ULRecognized
Supercapacitors
HVSeries
Specifications
WorkingVoltage
2.7V
SurgeVoltage
3.0V
Capacitance
1.0Fto100F
CapacitanceTolerance
-10%to+30%(20°C)
OperatingTemperatureRange
-40°Cto65°C
ExtendedOperatingTemperatureRange
-40°Cto85°C(withlinearvoltagederatingto2.1V@85°C)
StandardProduct
MaximumESR(
Ω)
Nominal
(EquivalentSeriesResistance) LeakageCurrent(µA)
Nominal
Capacitance
Measured@
After72Hrs.
Dimensions(mm)
TypicalMass
(F)
PartNumber
1kHz
100Hz
@20°C
Diameter Length
(grams/piece)
1
HV0810-2R7105-R
0.15
0.20
10
8
10
1.2
3
HV0820-2R7305-R
0.060
0.080
15
8
20
1.4
5
HV1020-2R7505-R
0.038
0.040
20
10
20.5
2.3
6
HV0830-2R7605-R
0.038
0.040
20
8
30
2.1
10
HV1030-2R7106-R
0.032
0.034
23
10
30
3.2
15
HV1325-2R7156-R
0.028
0.030
23
13
26
4.5
25
HV1625-2R7256-R
0.025
0.027
45
16
25
7.3
35
HV1245-2R7356-R
0.018
0.020
51
12.5
45
8
35
HV1635-2R7356-R
0.022
0.024
51
16
35
9.3
60
HV1840-2R7606-R
0.016
0.018
110
18
40
13
100
HV1860-2R7107-R
0.010
0.012
260
18
60
20
Performance
CapacitanceChange
ESR
Parameter
(%ofinitialspecifiedvalue)
(%ofmaximuminitialESR)
Life(1000hrs@65°C@2.7Vdc)
<30%
<200%
Storage-LowandHighTemperature
(1000hrs@-40°Cand85°C)
<30%
<200%
Pb
HALOGEN
HF
FREE
0413 BU-SB13368
Page1of2
DataSheet:4376
CylindricalDevice


Similar Part No. - HV1860-2R7107-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HV1860-2R7107-R EATON-HV1860-2R7107-R Datasheet
458Kb / 5P
Cylindrical cells
More results

Similar Description - HV1860-2R7107-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
Supercapacitors XB Series
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
Supercapacitors XV Series
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
Supercapacitors FA Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
Supercapacitors FG Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
Supercapacitors FS Series
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
Supercapacitors FY Series
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
Supercapacitors FY Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com