Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV1860-2R7107-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HV1860-2R7107-R
Description  Supercapacitors HV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HV1860-2R7107-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HV1860-2R7107-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HV1860-2R7107-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PartNumberingSystem
HV
-
R
Series
Voltage(V)
Capacitance(
m
F)
Code
Dimensions(mm)
RisDecimal
Value
Multiplier
HVSeries
Diameter
Length
2R7=2.7V
Example:106=10x106
m
For10F
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This
bulletinisintendedtoclearlypresentcomprehensiveproductdataandprovidetechnicalinformationthatwillhelptheenduserwithdesignapplications.CooperBussmannreservestheright,withoutnotice,
to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any
echnicalinformationcontainedinthisbulletin.Onceaproducthasbeenselected,itshouldbetestedbytheuserinallpossibleapplications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life
support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected
toresultinsignificantinjurytotheuser.
NorthAmerica
CooperBussmann
1225BrokenSoundParkwayNW
SuiteF
BocaRaton,FL33487-3533
Tel:1-561-998-4100
Fax:1-561-241-6640
TollFree:1-888-414-2645
CooperBussmann
P.O.Box14460
St.Louis,MO63178-4460
Tel:1-636-394-2877
Fax:1-636-527-1607
Europe
CooperBussmann
Cooper(UK)Limited
Burton-on-the-Wolds
Leicestershire•LE125THUK
Tel:+44(0)1509882737
Fax:+44(0)1509882786
CooperBussmann
Avda.SantaEulalia,290
08223
Terrassa,(Barcelona),Spain
Tel:+34937362812
+34937362813
Fax:+34937362719
AsiaPacific
CooperBussmann
1JalanKilangTimor
#06-01PacificTechCentre
Singapore159303
Tel:+652786151
Fax:+652704160
©2013 Cooper Bussmann
www.cooperbussmann.com
0413 BU-SB13368
Page2of2
DataSheet:4376
Dimensions(mm)
PartNumber
D
D’
L
L’
F
d
C
C’
HV0810-2R7105-R
8.0
8.5
13.0
13.5
3.5
0.50
20.0
5.0
HV0820-2R7305-R
8.0
8.5
20.5
21.0
3.5
0.50
20.0
5.0
HV1020-2R7505-R
10.0
10.5
21.8
22.3
5.0
0.60
20.0
5.0
HV0830-2R7605-R
8.0
8.5
30.5
31.0
3.5
0.60
20.0
5.0
HV1030-2R7106-R
10.0
10.5
31.0
31.5
5.0
0.60
20.0
5.0
HV1325-2R7156-R
13.0
13.5
27.9
28.4
5.0
0.60
20.0
5.0
HV1625-2R7256-R
16.0
16.5
27.9
28.4
7.5
0.80
20.0
5.0
HV1245-2R7356-R
12.5
12.9
48.0
49.0
5.0
0.6
20.0
5.0
HV1635-2R7356-R
16.0
16.5
37.5
38.0
7.5
0.80
20.0
5.0
HV1840-2R7606-R
18.0
18.5
41.5
42.0
7.5
0.80
20.0
5.0
HV1860-2R7107-R
18.0
18.5
59.5
60.5
7.5
0.80
20.0
5.0
Manufacturer
Capacitance(F)
NominalWorkingVoltage(V)
SeriesCode(orpartnumber)
Polarity
Packaging:
•Standardpackaging:Bulk,100unitsperbag.
•Largerbulkpackagesavailableonrequest.
PartMarking
PackagingInformation
Minimum
±0.02
±0.5
Maximum
Tolerances
Note:Longerleadispositive.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com