Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API4000-6 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # API4000-6
Description  very low cost voice synthesizer with 4-bit microprocessor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000-6 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  API4000-6 Datasheet HTML 1Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 2Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 3Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 6Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Integrated Circuits Inc.
API4000-6
http : // www.aplusinc.com.tw
Tel : 886-2-2782-9266
3
VCC
GND
PRA
COUT
R
8050
8 ohm
R(470~820 ohm)
VCC
Description :
Item
Explain
Item
Explain
VDD
Power supply during operation
PTON
Download data Pin
VSS
Ground Potential
OEB
Download data Pin
A0-A3
4 bit I/O ( PRA)
OSCI
Download data Pin
B0-B3
4 bit output (PRB)
SRL
Download data Pin
C0-C3
4 bit input (PRC)
WE/
Download data Pin
COUT
Current output
S_0
Download data Pin
PWM1 PWM1 ( Connect to speaker and buzzer )
D7
Download data Pin
PWM2 PWM2 ( Connect to speaker and buzzer )
RESETB Reset Pin (Low Active)
Application Circuit 1: (Standard)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com