Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API4000-6 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # API4000-6
Description  very low cost voice synthesizer with 4-bit microprocessor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

API4000-6 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  API4000-6 Datasheet HTML 1Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 2Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 3Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 4Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 5Page - Aplus Intergrated Circuits API4000-6 Datasheet HTML 6Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated Circuits Inc.
API4000-6
http : // www.aplusinc.com.tw
Tel : 886-2-2782-9266
1
API4000-6
340” VOICE OTP
API4000-6 IC is a 340 seconds ( Voive sample rate is in 6 khz ) and very low cost voice
synthesizer with 4-bit microprocessor. It has variousfeatures including 4-bit ALU, ROM, RAM, I/O
ports, timers, clock generator, watchdog timer(WDT), voice synthesizer, etc. It consists of 22
instructions in the device. With CMOS technology and halt function can minimize power dissipation.
Its architecture is similar to RISC,with two stages of instruction pipeline. It allows all instructions to
be executed in a single cycle, except for program branches and data table read instructions (which
need two instruction cycles).
Feature :
Single power supply can operate from 2.4V through 4.5V.
Voice length : 340 seconds ( Voive sample rate is in 6 khz ) .
Internal Program ROM: 4K x 10-bit.
Data Registers:
•
96 x 4-bit data RAM (00-1Fh plus 40h-7Fh)
•
Unbanked special function registers (SFR) range: 20h-3Fh
I/O Ports:
•
PRA: 4-bit I/O Port A (2Bh)
•
PRB: 4-bit Output Port B (2Dh)
•
PRC: 4-bit Input Port C (2Fh)
On-chip clock generator: Resistive Clock Drive(RM)
Timer: 1
•
Timer0: a 9-bit auto-reload timer/counter.
Stack: 2-level subroutine nesting.
HALT and Release from HALT function to reduce power consumption.
Watch Dog Timer (WDT).
Voice format : Linear Scale 5 bit output .
Voice Sample Rate Range :4K - 22KHz .
Tg mode :Level / Edge ,Hold / Unhold , Retrigger / Ir- Retrigger .


Similar Part No. - API4000-6

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API4000M2 APLUS-API4000M2 Datasheet
354Kb / 15P
4-channel Sound Generator with Melody
API4000M4 APLUS-API4000M4 Datasheet
354Kb / 15P
4-channel Sound Generator with Melody
API4000M8 APLUS-API4000M8 Datasheet
354Kb / 15P
4-channel Sound Generator with Melody
More results

Similar Description - API4000-6

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8412CA APLUS-ASM8412CA Datasheet
319Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com