Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APE6316 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # APE6316
Description  very low cost voice and melody synthesizer with 4-bits CPU
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APE6316 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  APE6316 Datasheet HTML 1Page - Aplus Intergrated Circuits APE6316 Datasheet HTML 2Page - Aplus Intergrated Circuits APE6316 Datasheet HTML 3Page - Aplus Intergrated Circuits APE6316 Datasheet HTML 4Page - Aplus Intergrated Circuits APE6316 Datasheet HTML 5Page - Aplus Intergrated Circuits APE6316 Datasheet HTML 6Page - Aplus Intergrated Circuits APE6316 Datasheet HTML 7Page - Aplus Intergrated Circuits APE6316 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
APExx16 Series
Rev 1.1
2003/9/2
1
1.0 General Description
The
APExx16 series are very low cost voice and melody synthesizer with 4-bits CPU. They have various
features including 4-bits ALU, ROM, RAM, I/O ports, timers, clock generator, voice and melody
synthesizer, and PWM (Direct drive) or D/A current outputs, etc. The audio synthesizer contains one
voice-channel and two melody-channels. Furthermore, they consist of 27 instructions in these devices.
With CMOS technology and halt function can minimize power dissipation. Their architectures are similar
to RISC, with two stages of instruction pipeline. They allow all instructions to be executed in a single
cycle, except for program branches and data table read instructions (which need two instruction cycles).
2.0 Features
(1) Single power supply can operate from 2.4V to 5.5V at 4MHz or 8MHz.
(2) Program ROM: 16k x 10 bits ( APE8416 /APE10616 /APE12716 are 64k x 10 bits )
(3) 1 set of 16-bits DPR can access up to 64k x 10 bits melody data memory space, and 1 set of 19-bits
VPR can access up to 512k x 10 bits voice data memory space.
Product
Voice Duration (sec) Voice Pointer (VPR) ROM Size (10-bits)
APE1016
10
15-bits
32k
APE1516
15
16-bits
48k
APE2016
20
16-bits
64k
APE3116
31
17-bits
96k
APE4116
41
17-bits
128k
APE6316
63
18-bits
192k
APE8416
84
18-bits
256k
APE10616
106
19-bits
320k
APE12716
127
19-bits
384k
(4) Data Registers:
a). 128 x 4-bits data RAM (00-7Fh)
b). Unbanked special function registers (SFR) range: 00h-2Fh
(5) I/O Ports:
a). PRA: 4-bits I/O Port A (10h) can be programmed to input/output individually. (Register control)
b). PRB: 4-bits I/O Port B (13h) can be configured to input/output individually. (Mask option)
c). PRC: 4-bits I/O Port C (14h) can be programmed to input/output individually. (Register control)
d). PRD: 4-bits I/O Port D (15h) can be programmed to input/output individually. (Register control)
(6) On-chip clock generator: Resistive Clock Drive (RM) or Crystal oscillator (HM)
(7) Timer: 1-set Voice Interrupt (Timer0: a 9-bits auto-reload timer/counter).
(8) Stack: 2-level subroutine nesting.
(9) Built-in 4 Level Volume Control can be programmed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com