Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APE6316 Datasheet (PDF) - Aplus Intergrated Circuits

APE6316 Datasheet PDF - Aplus Intergrated Circuits
Part # APE6316
Download  APE6316 Download
File Size   252.33 Kbytes
Page   8 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description very low cost voice and melody synthesizer with 4-bits CPU

APE6316 Datasheet (PDF)

Go To PDF Page Download Datasheet
APE6316 Datasheet PDF - Aplus Intergrated Circuits

Part # APE6316
Download  APE6316 Click to download

File Size   252.33 Kbytes
Page   8 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description very low cost voice and melody synthesizer with 4-bits CPU

APE6316 Datasheet (HTML) - Aplus Intergrated Circuits


APE6316 Product details

General Description
The APExx16 series are very low cost voice and melody synthesizer with 4-bits CPU. They have various features including 4-bits ALU, ROM, RAM, I/O ports, timers, clock generator, voice and melody synthesizer, and PWM (Direct drive) or D/A current outputs, etc. The audio synthesizer contains one voice-channel and two melody-channels. Furthermore, they consist of 27 instructions in these devices. With CMOS technology and halt function can minimize power dissipation. Their architectures are similar to RISC, with two stages of instruction pipeline. They allow all instructions to be executed in a single cycle, except for program branches and data table read instructions (which need two instruction cycles).

Features
(1) Single power supply can operate from 2.4V to 5.5V at 4MHz or 8MHz.
(2) Program ROM: 16k x 10 bits ( APE8416 /APE10616 /APE12716 are 64k x 10 bits )
(3) 1 set of 16-bits DPR can access up to 64k x 10 bits melody data memory space, and 1 set of 19-bits VPR can access up to 512k x 10 bits voice data memory space.
(4) Data Registers:
   a). 128 x 4-bits data RAM (00-7Fh)
   b). Unbanked special function registers (SFR) range: 00h-2Fh
(5) I/O Ports:
   a). PRA: 4-bits I/O Port A (10h) can be programmed to input/output individually. (Register control)
   b). PRB: 4-bits I/O Port B (13h) can be configured to input/output individually. (Mask option)
   c). PRC: 4-bits I/O Port C (14h) can be programmed to input/output individually. (Register control)
   d). PRD: 4-bits I/O Port D (15h) can be programmed to input/output individually. (Register control)
(6) On-chip clock generator: Resistive Clock Drive (RM) or Crystal oscillator (HM)
(7) Timer: 1-set Voice Interrupt (Timer0: a 9-bits auto-reload timer/counter).
(8) Stack: 2-level subroutine nesting.
(9) Built-in 4 Level Volume Control can be programmed.
(10) Built-in 8 Level DAC current output can be configured. (Mask option)
(11) Built-in IR Carry Output: Port B[1] can be configured as IR pin by 38k / 56kHz. (Mask option)
(12) External Reset: Port B[3] can be configured as reset pin. (Mask opton)
(13) HALT and Release from HALT function to reduce power consumption
(14) Watch Dog Timer (WDT)
(15) Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles
(16) Number of instruction: 27
(17) DAC: 1 channel voice and dual tone melody synthesizer (One 9-bits Cout or 8-bits PWM output).




Similar Part No. - APE6316

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE6312 APLUS-APE6312 Datasheet
242Kb / 6P
very low cost voice and melody synthesizer with 4-bits CPU
More results


Similar Description - APE6316

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APEXX04 APLUS-APEXX04 Datasheet
293Kb / 6P
very low cost voice and melody synthesizer with 4-bits CPU
APEXX12 APLUS-APEXX12 Datasheet
242Kb / 6P
very low cost voice and melody synthesizer with 4-bits CPU
APEXX24 APLUS-APEXX24 Datasheet
247Kb / 7P
very low cost voice and melody synthesizer with 4-bits CPU
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C APLUS-ASM12712C Datasheet
475Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com