Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48/00 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2104FBD48/00
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2104FBD48/00 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2104FBD48/00 Datasheet HTML 33Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 34Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 35Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 36Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 37Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 38Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 39Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 40Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
39 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
12. Revision history
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC2104_2105_2106_7
20080620
Product data sheet
-
LPC2104_2105_2106_6
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
• Section 3 “Ordering information”; corrected temperature range for LPC2104FBD48/00,
LPC2105FBD48/00.
Parts LPC2104FBD48/01, LPC2105FBD48/01, LPC2106BBD48, LPC2106FBD48/01,
and LPC2106FHN48/01 added.
Description of /01 features added.
LPC2104/2105/2106/01 power consumption measurements added.
Maximum frequency fosc for external oscillator and external crystal updated.
• Figure 12 “External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)”
updated.
Condition for IOHS and IOLS updated in Table 9 “Static characteristics”.
LPC2104_2105_2106_6
20060725
Product data sheet
-
LPC2104_2105_2106-05
LPC2104_2105_2106-05
20041222
Product data
-
LPC2104_2105_2106-04
LPC2104_2105_2106-04
20040205
Product data
-
LPC2104_2105_2106-03
LPC2104_2105_2106-03
20031007
Product data
-
LPC2104_2105_2106-02
LPC2104_2105_2106-02
20030611
Product data
-
LPC2104_2105_2106-01
LPC2104_2105_2106-01
20030425
Product data
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com