Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48/00 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC2104FBD48/00
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2104FBD48/00 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2104FBD48/00 Datasheet HTML 1Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 2Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 3Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 4Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 5Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 6Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 7Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 8Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
4 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
4.
Block diagram
(1) Shared with GPIO.
(2) When test/debug interface is used, GPIO/other functions sharing these pins are not available.
(3) Available on LPC2104/2105/2106/01 only.
Fig 1.
Block diagram
SCL(1)
P0[31:0]
TRST(2)
TMS(2)
TCK(2)
TDI(2)
TDO(2)
XTAL2
XTAL1
EINT[2:0](1)
AHB BRIDGE
PLL
PWM0
ARM7TDMI-S
LPC2104/2105/2106
RESET
CAP0[2:0](1)
CAP1[3:0](1)
MAT0[2:0](1)
MAT1[3:0](1)
SDA(1)
RXD[1:0](1)
TXD[1:0](1)
DSR1(1), CTS1(1),
RTS1(1), DTR1(1),
DCD1(1), RI1(1)
RTCK
ARM7 LOCAL BUS
INTERNAL
SRAM
CONTROLLER
INTERNAL
FLASH
CONTROLLER
16/32/64 kB
SRAM
128 kB
FLASH
EXTERNAL
INTERRUPTS
CAPTURE/
COMPARE
TIMER 0/TIMER 1
GENERAL
PURPOSE I/O
TEST/DEBUG
INTERFACE
AMBA Advanced High-performance
Bus (AHB)
system
clock
SYSTEM
FUNCTIONS
VECTORED
INTERRUPT
CONTROLLER
AHB
DECODER
I2C-BUS SERIAL
INTERFACE
AHB TO APB
BRIDGE
APB
DIVIDER
Advanced Peripheral
Bus (APB)
UART0/UART1
WATCHDOG
TIMER
SYSTEM
CONTROL
REAL-TIME CLOCK
002aaa412
VDD(3V3)
VSS
VDD(1V8)
PWM[6:1](1)
P0
HIGH-SPEED
GPIO(3)
32 PINS TOTAL
SCK(1)
MOSI(1)
MISO(1)
SSEL(1)
SPI/SSP(3)
SERIAL INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com