Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9512ADP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9512ADP
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9512ADP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9512ADP Datasheet HTML 5Page - NXP Semiconductors PCA9512ADP Datasheet HTML 6Page - NXP Semiconductors PCA9512ADP Datasheet HTML 7Page - NXP Semiconductors PCA9512ADP Datasheet HTML 8Page - NXP Semiconductors PCA9512ADP Datasheet HTML 9Page - NXP Semiconductors PCA9512ADP Datasheet HTML 10Page - NXP Semiconductors PCA9512ADP Datasheet HTML 11Page - NXP Semiconductors PCA9512ADP Datasheet HTML 12Page - NXP Semiconductors PCA9512ADP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PCA9512A_PCA9512B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 1 March 2013
9 of 27
NXP Semiconductors
PCA9512A; PCA9512B
Level shifting hot swappable I2C-bus and SMBus bus buffer
In addition, regardless of the bus capacitance, always choose RPU  65.7 k for
VCC = 5.5 V maximum, RPU  45 k for VCC = 3.6 V maximum. The start-up circuitry
requires logic HIGH voltages on SDAOUT and SCLOUT to connect the backplane to the
card, and these pull-up values are needed to overcome the precharge voltage. See the
curves in Figure 5 and Figure 6 for guidance in resistor pull-up selection.
(1) Unshaded area indicates recommended pull-up, for rise time < 300 ns, with rise time accelerator turned on.
(2) Rise time accelerator off.
Fig 5.
Bus requirements for 3.3 V systems
(1) Unshaded area indicates recommended pull-up, for rise time < 300 ns, with rise time accelerator turned on.
(2) Rise time accelerator off.
Fig 6.
Bus requirements for 5 V systems
Cb (pF)
0
400
300
200
100
002aae782
20
10
30
50
RPU
(k
Ω)
0
Rmax = 45 kΩ
rise time = 20 ns
Rmin = 1 kΩ
rise time = 300 ns(2)
40
(1)
Cb (pF)
0
400
300
200
100
002aae783
70
RPU
(k
Ω)
0
10
20
30
40
50
60
(1)
Rmax = 65.7 kΩ
rise time = 20 ns
Rmin = 1.7 kΩ
rise time = 300 ns(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com