Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9512ADP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9512ADP
Description  Level shifting hot swappable I2C-bus and SMBus bus buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9512ADP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9512ADP Datasheet HTML 9Page - NXP Semiconductors PCA9512ADP Datasheet HTML 10Page - NXP Semiconductors PCA9512ADP Datasheet HTML 11Page - NXP Semiconductors PCA9512ADP Datasheet HTML 12Page - NXP Semiconductors PCA9512ADP Datasheet HTML 13Page - NXP Semiconductors PCA9512ADP Datasheet HTML 14Page - NXP Semiconductors PCA9512ADP Datasheet HTML 15Page - NXP Semiconductors PCA9512ADP Datasheet HTML 16Page - NXP Semiconductors PCA9512ADP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PCA9512A_PCA9512B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 1 March 2013
13 of 27
NXP Semiconductors
PCA9512A; PCA9512B
Level shifting hot swappable I2C-bus and SMBus bus buffer
8.11 Additional system compromises
• Additional parts
• Additional assembly cost
• Reduced system reliability due to complexity
• Reduced logic level noise margin (immunity)
• Sensitivity to ground offsets between sub-systems (cable links, for example)
• Increased loading on the low voltage side (must carry the high voltage side
sink current)
• ESD robustness
9.
Application design-in information
Fig 10. Typical application
002aab794
ACC
GND
R5
10 kΩ
R3
10 kΩ
R4
10 kΩ
SDAOUT
SCLOUT
C2
0.01 μF
R1
10 kΩ
R2
10 kΩ
VCC
(5 V)
SDAIN
SCLIN
PCA9512A
SDA
SCL
VCC
VCC2
C1
0.01 μF
CARD_VCC (3 V)
CARD_SDA
CARD_SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com