Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD2CAN
Description  CAN bus ESD protection diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD2CAN Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD2CAN Datasheet HTML 1Page - NXP Semiconductors PESD2CAN Datasheet HTML 2Page - NXP Semiconductors PESD2CAN Datasheet HTML 3Page - NXP Semiconductors PESD2CAN Datasheet HTML 4Page - NXP Semiconductors PESD2CAN Datasheet HTML 5Page - NXP Semiconductors PESD2CAN Datasheet HTML 6Page - NXP Semiconductors PESD2CAN Datasheet HTML 7Page - NXP Semiconductors PESD2CAN Datasheet HTML 8Page - NXP Semiconductors PESD2CAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PESD2CAN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 September 2012
4 of 13
NXP Semiconductors
PESD2CAN
CAN bus ESD protection diode
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
s exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1 to 3 or 2 to 3.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
24
V
IRM
reverse leakage current
VRWM =24 V
-
< 1
10
nA
VBR
breakdown voltage
IR = 1 mA
26.2
28
30.3
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
-
25
30
pF
VCL
clamping voltage
IPP =1A
[1][2] --
34
V
IPP =5A
[1][2] --
41
V
rdif
differential resistance
IR =1 mA
-
-
300
Tamb =25 C
Fig 3.
Peak pulse current as a function of clamping
voltage; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
VCL (V)
25
45
40
30
35
006aaa937
4.0
2.0
6.0
8.0
IPP
(A)
0
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com