Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2CAN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD2CAN
Description  CAN bus ESD protection diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD2CAN Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD2CAN Datasheet HTML 1Page - NXP Semiconductors PESD2CAN Datasheet HTML 2Page - NXP Semiconductors PESD2CAN Datasheet HTML 3Page - NXP Semiconductors PESD2CAN Datasheet HTML 4Page - NXP Semiconductors PESD2CAN Datasheet HTML 5Page - NXP Semiconductors PESD2CAN Datasheet HTML 6Page - NXP Semiconductors PESD2CAN Datasheet HTML 7Page - NXP Semiconductors PESD2CAN Datasheet HTML 8Page - NXP Semiconductors PESD2CAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
PESD2CAN in a small SOT23 Surface-Mounted Device (SMD) plastic package designed
to protect two automotive Controller Area Network (CAN) bus lines from the damage
caused by ElectroStatic Discharge (ESD) and other transients.
1.2 Features and benefits
Max. peak pulse power: PPP =230 W at tp =8/20 s
Low clamping voltage: VCL =41V at IPP =5A
Ultra low leakage current: IRM <1nA
ESD protection up to 30 kV
IEC 61000-4-2, level 4 (ESD)
IEC 61000-4-5 (surge); IPP =5A at tp =8/20 s
AEC-Q101 qualified
1.3 Applications
CAN bus protection
Automotive applications
1.4 Quick reference data
2.
Pinning information
PESD2CAN
CAN bus ESD protection diode
Rev. 2 — 27 September 2012
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
24
V
Cd
diode capacitance
f = 1 MHz; VR = 0 V
-
25
30
pF
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode 1
2
cathode 2
3
common cathode
12
3
2
1
006aaa155
3


Similar Part No. - PESD2CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD2CAN NXP-PESD2CAN Datasheet
80Kb / 11P
CAN bus ESD protection diode
Rev. 01-22 December 2006
logo
TECH PUBLIC Electronics...
PESD2CAN TECHPUBLIC-PESD2CAN Datasheet
982Kb / 4P
Can bus Esd Protection Diode
logo
Nexperia B.V. All right...
PESD2CAN NEXPERIA-PESD2CAN Datasheet
703Kb / 13P
CAN bus ESD protection diode
Rev. 2 - 27 September 2012
logo
Guangdong Youtai Semico...
PESD2CAN UMW-PESD2CAN Datasheet
310Kb / 4P
250 W peak pulse power (tp =8/20μs)
logo
Texas Instruments
PESD2CAN24DBZRQ1 TI-PESD2CAN24DBZRQ1 Datasheet
1Mb / 22P
ESD2CAN24-Q1 Automotive 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
JUNE 2022
More results

Similar Description - PESD2CAN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
CAN BUS ESD PROTECTION DIODE
Rev 1
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
CAN BUS ESD PROTECTION DIODE
Rev 1
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
CAN BUS ESD PROTECTION DIODE
logo
TECH PUBLIC Electronics...
TPESD1CAN TECHPUBLIC-TPESD1CAN Datasheet
1Mb / 4P
Can bus Esd Protection Diode
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
CAN bus ESD protection diode
Rev. 04 - 15 February 2008
logo
TECH PUBLIC Electronics...
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
PESD2CAN TECHPUBLIC-PESD2CAN Datasheet
982Kb / 4P
Can bus Esd Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com