Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2671M-3.3 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM2671M-3.3
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671M-3.3 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2671M-3.3 Datasheet HTML 12Page - Texas Instruments LM2671M-3.3 Datasheet HTML 13Page - Texas Instruments LM2671M-3.3 Datasheet HTML 14Page - Texas Instruments LM2671M-3.3 Datasheet HTML 15Page - Texas Instruments LM2671M-3.3 Datasheet HTML 16Page - Texas Instruments LM2671M-3.3 Datasheet HTML 17Page - Texas Instruments LM2671M-3.3 Datasheet HTML 18Page - Texas Instruments LM2671M-3.3 Datasheet HTML 19Page - Texas Instruments LM2671M-3.3 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
LM2671
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
Table 3. Output Capacitor Table
Output Capacitor
Surface Mount
Through Hole
Output
Inductance
Voltage
Sprague
AVX TPS
Sanyo OS-CON
Sanyo MV-GX
Nichicon
Panasonic
(
μH)
(V)
594D Series
Series
SA Series
Series
PL Series
HFQ Series
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
22
120/6.3
100/10
100/10
330/35
330/35
330/35
33
120/6.3
100/10
68/10
220/35
220/35
220/35
47
68/10
100/10
68/10
150/35
150/35
150/35
3.3
68
120/6.3
100/10
100/10
120/35
120/35
120/35
100
120/6.3
100/10
100/10
120/35
120/35
120/35
150
120/6.3
100/10
100/10
120/35
120/35
120/35
22
100/16
100/10
100/10
330/35
330/35
330/35
33
68/10
10010
68/10
220/35
220/35
220/35
47
68/10
100/10
68/10
150/35
150/35
150/35
5.0
68
100/16
100/10
100/10
120/35
120/35
120/35
100
100/16
100/10
100/10
120/35
120/35
120/35
150
100/16
100/10
100/10
120/35
120/35
120/35
22
120/20
(2×) 68/20
68/20
330/35
330/35
330/35
33
68/25
68/20
68/20
220/35
220/35
220/35
47
47/20
68/20
47/20
150/35
150/35
150/35
12
68
47/20
68/20
47/20
120/35
120/35
120/35
100
47/20
68/20
47/20
120/35
120/35
120/35
150
47/20
68/20
47/20
120/35
120/35
120/35
220
47/20
68/20
47/20
120/35
120/35
120/35
Table 4. Capacitor Manufacturers' Phone Numbers
Nichicon Corp.
Phone
(847) 843-7500
FAX
(847) 843-2798
Panasonic
Phone
(714) 373-7857
FAX
(714) 373-7102
AVX Corp.
Phone
(845) 448-9411
FAX
(845) 448-1943
Sprague/Vishay
Phone
(207) 324-4140
FAX
(207) 324-7223
Sanyo Corp.
Phone
(619) 661-6322
FAX
(619) 661-1055
Table 5. Schottky Diode Selection Table
1A Diodes
3A Diodes
VR
Surface
Through
Surface
Through
Mount
Hole
Mount
Hole
20V
SK12
1N5817
SK32
1N5820
B120
SR102
SR302
30V
SK13
1N5818
SK33
1N5821
B130
11DQ03
30WQ03F
31DQ03
MBRS130
SR103
16
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com