Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2671M-3.3 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM2671M-3.3
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671M-3.3 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2671M-3.3 Datasheet HTML 14Page - Texas Instruments LM2671M-3.3 Datasheet HTML 15Page - Texas Instruments LM2671M-3.3 Datasheet HTML 16Page - Texas Instruments LM2671M-3.3 Datasheet HTML 17Page - Texas Instruments LM2671M-3.3 Datasheet HTML 18Page - Texas Instruments LM2671M-3.3 Datasheet HTML 19Page - Texas Instruments LM2671M-3.3 Datasheet HTML 20Page - Texas Instruments LM2671M-3.3 Datasheet HTML 21Page - Texas Instruments LM2671M-3.3 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
LM2671
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
Table 7. AVX TPS (continued)
Recommended
Voltage
Application Voltage
Rating
+85°C Rating
15
35
Table 8. Sprague 594D
Recommended
Voltage
Application Voltage
Rating
+85°C Rating
2.5
4
3.3
6.3
5
10
8
16
12
20
18
25
24
35
29
50
LM2671 Series Buck Regulator Design Procedure (Adjustable Output)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
To simplify the buck regulator design procedure, Texas Instrumnets
is making available computer design software to be used with the
SIMPLE SWITCHER line of switching regulators.LM267X Made
Simple is available on (version 6.0) Windows®3.1, NT, or 95
operating systems.
Given:
Given:
VOUT = Regulated Output Voltage
VOUT = 20V
VIN(max) = Maximum Input Voltage
VIN(max) = 28V
ILOAD(max) = Maximum Load Current
ILOAD(max) = 500 mA
F = Switching Frequency (Fixed at a nominal 260 kHz).
F = Switching Frequency (Fixed at a nominal 260 kHz).
1. Programming Output Voltage (Selecting R1 and R2, as shown in 1. Programming Output Voltage (Selecting R1 and R2, as shown in
Figure 23)
Figure 23)
Use the following formula to select the appropriate resistor values.
Select R1 to be 1 kΩ, 1%. Solve for R2.
where VREF = 1.21V
(3)
(4)
Select a value for R1 between 240Ω and 1.5 kΩ. The lower resistor
R2 = 1 kΩ (16.53 − 1) = 15.53 kΩ, closest 1% value is 15.4 kΩ.
values minimize noise pickup in the sensitive feedback pin. (For the
R2 = 15.4 kΩ.
lowest temperature coefficient and the best stability with time, use
1% metal film resistors.)
(5)
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the inductor Volt • microsecond constant E • T (V •
μs),
A. Calculate the inductor Volt • microsecond constant (E • T),
from the following formula:
(6)
(7)
where VSAT=internal switch saturation voltage=0.25V and VD = diode
forward voltage drop = 0.5V
B. Use the E • T value from the previous formula and match it with
B. E • T = 21.6 (V •
μs)
the E • T number on the vertical axis of the Inductor Value Selection
Guide shown in Figure 27.
18
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com