Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9600 Datasheet(PDF) 13 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 13 Page - Aplus Intergrated Circuits

Back Button APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 10Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 11Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 12Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 13Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 14Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 15Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 16Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 17Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
Page 13
Electrical Characteristics
The following tables list Absolute Maximum Ratings, DC Characteristics, and Analog Characteristics for the APR9600 device.
Absolute Maximum Ratings
DC Characteristics
Analog Characteristics*
Item
Symbol
Condition
Min
Max
Unit
Power Supply voltage
VCC
TA = 25°C
-0.3
6.5
V
Input Voltage
VIN2
IIN<20mA
-1.0
VCC + 1.0
V
Storage Temperature
TSTG
-
-65
150
°C
Temperature Under Bias
TBS
-
-65
125
°C
Lead Temperature
TLD
<10s
-0.3
300
°C
Item
Symbol
Condition
Min
Typ
Max
Unit
Power Supply voltage
VCC
TA = 25°C
4.5
6.0
6.5
V
Input High Voltage
VIH
-2.0
-
-
V
Input Low Voltage
VIL
--
-
0.8
V
Output High Voltage
VOH
IOH=-1.6mA
2.4
-
-
V
Output Low Voltage
VOL
IOL=-4.0mA
-
-
0.45
V
Input Leakage Current
IIH
VIH=VCC
--
1.0
mA
Input Leakage Current
IIL
VIL=VSS
-1.0
-
-
mA
Output Tristate Leakage Current
IOZ
VOUT=VCC
or
VOUT=Vss
-1.0
-
1.0
mA
Operating Current Consumption
ICC
Internal Clock, No Load
-
25
-
mA
Standby Current Consumption
ICCS
No Load
-
1.0
-
m
Item
Symbol
Condition
Min
Typ
Max
Unit
MicIn Input Voltage
VMI
--
-
30
mVP-P
MicIn Input Resistance
RMI
--
15
-
k
W
MicIn Amp Gain (1)
GMI1
AGC=2.25v
-
30
-
dB
MicIn Amp Gain (2)
GMI2
AGC=3.8V
-
-2
-
dB
AnaIn Input Voltage
VANI
--
-
140
mVP-P
AnaIn Input Resistance
RANI
--
500
-
k
W
AnaIn Amp Gain
GANI
AnaIn to SP+/-
-
10
-
dB
AGC Output Resistance
RAGC
--
225
-
k
W
Sp+/- Output Power
PSP
RSP+/-=16W
-12.2
-
mW
Voltage Amplitude across SP+/-
VSP
RSP+/->16W
-1.4
-
VP-P
APR9600
APLUS
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com