Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APR9600 Datasheet(PDF) 16 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 16 Page - Aplus Intergrated Circuits

Back Button APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 10Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 11Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 12Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 13Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 14Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 15Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 16Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 17Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
APR9600
http://www.aplusinc.com.tw
NEW APR9600 SOP RECORDING VOICE 40" ~ 60"
MODE
MSEL-1 ( PIN-3 )
MSEL-2 ( PIN-4 )
/M8 ( PIN-16 )
2 FIXED MESSAGES
0
1
Pull-high 100KOhm
4 FIXED MESSAGES
1
0
Pull-high 100KOhm
8 FIXED MESSAGES
1
1
/M8 trigger pin
1 FIXED MESSAGES
0
0
0
TAPE MODE –NEXT
0
0
0
TAPE MODE - AUTO
0
0
1
Ref. ROSC
Sampling Frequency
Inoput bandwidth
Voice duration
84 K Ohm
4.2 KHz
2.1 KHz
60 sec.
38 K Ohm
6.4 KHz
3.2 KHz
40 sec.
24 K Ohm
8.0 KHz
4.0 KHz
32 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com