Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2012C Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # ASM2012C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM2012C Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  ASM2012C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev 1.0
3
FIGURE 1.2 : External ROM Map of ASM2012C
12bit x 2 STACK
Reset Vector
0FFFFh(64Kx10-bits)
00FFFh(4K)
00000h-00FFFh
16-bit Data Pointer
PC[11:0]
00000h-0FFFFh
Reserved for Testing
00080h-003FFh
00400h
00000h
00080h
ASM2012C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com