Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2012C Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # ASM2012C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM2012C Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  ASM2012C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM2012C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev 1.0
5
1.4 Bonding Diagram
ASM2012C Pad Location
Chip Size: X=1540+80 (um), Y=1780+80 (um)
PAD # PAD Name
X
Y
PAD #
PAD Name
X
Y
1
RA3
-682.16
-772.68
11
RB3
667.68
-772.68
2
RA2
-559.84
-772.68
12
AOSC
633.56
804
3
RA1
-437.52
-772.68
13
TEST
432.48
804
4
RA0
-315.2
-772.68
14
VDD2
273.16
804
5
VDD1
-191.28
-772.68
15
GND2
134.68
804
6
COUT
71.12
-772.68
16
RC0
-51.76
804
7
GND1
189.52
-772.68
17
RC1
-248.4
804
8
RB0
307.92
-772.68
18
RC2
-454.24
804
9
RB1
430.24
-772.68
19
RC3
-650.88
804
10
RB2
552.56
-772.68
19
18
17
16
15
14
13
12
RC3
RC2
RC1
RC0
GND2
VDD2
TEST
AOSC
ASM2012C
RA3
RA2
RA1
RA0
VDD1
COUT GND1
RB0
RB1
RB2
RB3
1
2
3
4
5
6
7
8
9
10
11
( 64K x 10-bit ) Block ROM
ASM2012C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com