Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM7585 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM7585
Description  SURFACE MOUNT SILICON N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7585 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM7585_13 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7585_13 Datasheet HTML 2Page - Central Semiconductor Corp CMLDM7585_13 Datasheet HTML 3Page - Central Semiconductor Corp CMLDM7585_13 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL N-CH (Q1)
P-CH (Q2)
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current (Steady State)
ID
650
mA
Maximum Pulsed Drain Current (tp=10μs)
IDM
1.3
1.0
A
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
N-CH (Q1)
P-CH (Q2)
SYMBOL
TEST CONDITIONS
MIN TYP MAX
MIN TYP MAX
UNITS
IGSSF, IGSSR VGS=4.5V, VDS=0
-
-
1.0
-
-
10
μA
IDSS
VDS=16V, VGS=0
-
-
100
-
-
100
nA
BVDSS
VGS=0, ID=250μA
20
-
-
20
-
-
V
VGS(th)
VDS=VGS, ID=250μA
0.5
-
1.1
0.5
-
1.0
V
VSD
VGS=0, IS=200mA
-
-
1.1
-
-
-
V
VSD
VGS=0, IS=250mA
-
-
-
-
-
1.1
V
rDS(ON)
VGS=4.5V, ID=600mA
-
0.14 0.23
-
-
-
Ω
rDS(ON)
VGS=4.5V, ID=350mA
-
-
-
-
0.25 0.36
Ω
rDS(ON)
VGS=2.5V, ID=500mA
-
0.2 0.275
-
-
-
Ω
rDS(ON)
VGS=2.5V, ID=300mA
-
-
-
-
0.37
0.5
Ω
rDS(ON)
VGS=1.8V, ID=350mA
-
-
0.7
-
-
-
Ω
rDS(ON)
VGS=1.8V, ID=150mA
-
-
-
-
-
0.8
Ω
CMLDM7585
SURFACE MOUNT SILICON
N-CHANNEL AND P-CHANNEL
ENHANCEMENT-MODE
COMPLEMENTARY MOSFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLDM7585
consists of complementary N-Channel and P-Channel
enhancement-mode silicon MOSFETs designed for
high speed pulsed amplifier and driver applications.
These MOSFETs offer very low rDS(ON) and low
threshold voltage.
MARKING CODE: 87C
FEATURES:
• ESD protection up to 1800V (Human Body Model)
• 350mW power pissipation
• Very low rDS(ON)
• Low threshold voltage
• Logic level compatible
• Small, SOT-563 surface mount package
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
APPLICATIONS:
• Load/Power switches
• Power supply converter circuits
• Battery powered portable devices
SOT-563 CASE
R4 (5-June 2013)
www.centr a lsemi.com


Similar Part No. - CMLDM7585_13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7585 CENTRAL-CMLDM7585_15 Datasheet
1Mb / 5P
ENHANCEMENT-MODE COMPLEMENTARY MOSFET
More results

Similar Description - CMLDM7585_13

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7484 CENTRAL-CMLDM7484 Datasheet
593Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575 Datasheet
420Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM3757 CENTRAL-CMLDM3757 Datasheet
595Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMLM0708A CENTRAL-CMLM0708A Datasheet
590Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575_10 Datasheet
420Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM7585 CENTRAL-CMLDM7585 Datasheet
594Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CTLDM7181-M832D CENTRAL-CTLDM7181-M832D Datasheet
473Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMRDM3575 CENTRAL-CMRDM3575_11 Datasheet
421Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMRDM3575 CENTRAL-CMRDM3575_12 Datasheet
436Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMBDM3590 CENTRAL-CMBDM3590 Datasheet
334Kb / 3P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
R0 9-March 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com