Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM7585 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLDM7585
Description  SURFACE MOUNT SILICON N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7585 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLDM7585_13 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7585_13 Datasheet HTML 2Page - Central Semiconductor Corp CMLDM7585_13 Datasheet HTML 3Page - Central Semiconductor Corp CMLDM7585_13 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CMLDM7585
SURFACE MOUNT SILICON
N-CHANNEL AND P-CHANNEL
ENHANCEMENT-MODE
COMPLEMENTARY MOSFETS
SOT-563 CASE - MECHANICAL OUTLINE
PIN CONFIGURATION
LEAD CODE:
1) Source Q1
2) Gate Q1
3) Drain Q2
4) Source Q2
5) Gate Q2
6) Drain Q1
MARKING CODE: 87C
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
N-CH (Q1)
P-CH (Q2)
SYMBOL
TEST CONDITIONS
MIN
TYP
MIN
TYP
UNITS
gFS
VDS=10V, ID=400mA
1.0
-
-
-
S
gFS
VDS=10V, ID=200mA
-
-
0.2
-
S
Crss
VDS=16V, VGS=0, f=1.0MHz
-
18
-
25
pF
Ciss
VDS=16V, VGS=0, f=1.0MHz
-
100
-
100
pF
Coss
VDS=16V, VGS=0, f=1.0MHz
-
16
-
21
pF
Qg(tot)
VDS=10V, VGS=4.5V, ID=500mA
-
1.58
-
-
nC
Qg(tot)
VDS=10V, VGS=4.5V, ID=200mA
-
-
-
1.2
nC
Qgs
VDS=10V, VGS=4.5V, ID=500mA
-
0.17
-
-
nC
Qgs
VDS=10V, VGS=4.5V, ID=200mA
-
-
-
0.24
nC
Qgd
VDS=10V, VGS=4.5V, ID=500mA
-
0.24
-
-
nC
Qgd
VDS=10V, VGS=4.5V, ID=200mA
-
-
-
0.36
nC
ton
VDD=10V, VGS=4.5V, ID=200mA, RG=10Ω
-
10
-
38
ns
toff
VDD=10V, VGS=4.5V, ID=200mA, RG=10Ω
-
25
-
48
ns
www.centr a lsemi.com
R4 (5-June 2013)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com