Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35CZ Datasheet(PDF) 21 Page - Texas Instruments

Part # LM35CZ
Description  LM35 Precision Centigrade Temperature Sensors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM35CZ Datasheet HTML 17Page - Texas Instruments LM35CZ Datasheet HTML 18Page - Texas Instruments LM35CZ Datasheet HTML 19Page - Texas Instruments LM35CZ Datasheet HTML 20Page - Texas Instruments LM35CZ Datasheet HTML 21Page - Texas Instruments LM35CZ Datasheet HTML 22Page - Texas Instruments LM35CZ Datasheet HTML 23Page - Texas Instruments LM35CZ Datasheet HTML 24Page - Texas Instruments LM35CZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
3-Nov-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM35DT/NOPB
ACTIVE
TO-220
NEB
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 100
LM35DT
LM35DZ
OBSOLETE
TO-92
LP
3
TBD
Call TI
Call TI
LM35DZ/LFT1
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
LM35
DZ
LM35DZ/LFT2
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
LM35
DZ
LM35DZ/LFT4
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
LM35
DZ
LM35DZ/LFT7
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
LM35
DZ
LM35DZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SN | CU SN
N / A for Pkg Type
0 to 100
LM35
DZ
LM35H
ACTIVE
TO
NDV
3
1000
TBD
Call TI
Call TI
-55 to 150
LM35H
LM35H/NOPB
ACTIVE
TO
NDV
3
1000
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
-55 to 150
LM35H
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com