Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM35CZ Datasheet(PDF) 10 Page - Texas Instruments

Part # LM35CZ
Description  LM35 Precision Centigrade Temperature Sensors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM35CZ Datasheet HTML 6Page - Texas Instruments LM35CZ Datasheet HTML 7Page - Texas Instruments LM35CZ Datasheet HTML 8Page - Texas Instruments LM35CZ Datasheet HTML 9Page - Texas Instruments LM35CZ Datasheet HTML 10Page - Texas Instruments LM35CZ Datasheet HTML 11Page - Texas Instruments LM35CZ Datasheet HTML 12Page - Texas Instruments LM35CZ Datasheet HTML 13Page - Texas Instruments LM35CZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM35
+
OUT
VOUT = 10 mV/°C (TAMBIENT = 1 °C)
FROM + 2 °C TO + 40 °C
L
5 V
200
1%
6.8 k
5%
OR 10K RHEOSTAT
FOR GAIN ADJUST
200
1%
TWISTED PAIR
HEAT
FINS
LM35
+
OUT
VOUT = 10 mV/°C (TAMBIENT = 1 °C)
FROM + 2 °C TO + 40 °C
L
5 V
200
1%
6.8 k
5%
200
1%
TWISTED PAIR
HEAT
FINS
+
L
LM35
SNIS159D – AUGUST 1999 – REVISED OCTOBER 2013
www.ti.com
Figure 16. Two-Wire Remote Temperature Sensor
(Grounded Sensor)
Figure 17. Two-Wire Remote Temperature Sensor
(Output Referred to Ground)
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com