Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD158 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD158
Description  5.7 / 5.8 Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD158 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD158 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD158
5.7 / 5.8 Duplexer
Receive Channel
Transmit Channel
Passband:
5725 - 5781 MHz
Passband:
5794 - 5850 MHz
Insertion Loss:
2.0 dB max.
Insertion Loss:
2.0 dB max.
Return Loss:
18.0 dB min.
Return Loss:
18.0 dB min.
Rejection:
Rejection:
5794 - 5850 MHz
88 dB min
5725 - 5781 MHz
88 dB min.
Isolation Tx to Rx:
88 dB min.
Isolation Rx to Tx:
88 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD158

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD158 MMIC-CMD158 Datasheet
207Kb / 10P
6-16 GHz Driver Amplifier
CMD158C4 MMIC-CMD158C4 Datasheet
248Kb / 10P
6-16 GHz Driver Amplifier
CMD158P3 MMIC-CMD158P3 Datasheet
293Kb / 10P
6-14 GHz Driver Amplifier
More results

Similar Description - CMD158

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
5.8 GHz 1W MMIC
logo
API Technologies Corp
CMD219 APITECH-CMD219 Datasheet
107Kb / 1P
5.8 Diplexer
CMD205 APITECH-CMD205 Datasheet
114Kb / 1P
5.8 Diplexer
CMD182-48 APITECH-CMD182-48 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.3 / RX 5.8
CMD182-47 APITECH-CMD182-47 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.3 / RX 5.8
CMD182 APITECH-CMD182 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.8 / RX 5.3
CMD154 APITECH-CMD154 Datasheet
116Kb / 1P
5.2 / 5.7 Duplexer
CMD128 APITECH-CMD128 Datasheet
118Kb / 1P
5.7 Diplexer
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
logo
Mitsubishi Electric Sem...
AA057VF12 MITSUBISHI-AA057VF12 Datasheet
635Kb / 22P
5.7”VGA
Dec.26,11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com