Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD154 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD154
Description  5.2 / 5.7 Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD154 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD154 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD154
5.2 / 5.7 Duplexer
Receive Channel
Transmit Channel
Passband:
5250 - 5290 MHz
Passband:
5725 - 5765 MHz
Insertion Loss:
2.0 dB max.
Insertion Loss:
2.0 dB max.
Return Loss:
21.0 dB min.
Return Loss:
21.0 dB min.
Rejection:
Rejection:
5725 - 5765 MHz
60 dB min
5250 – 5290 MHz
60 dB min.
Isolation Tx to Rx:
60 dB min.
Isolation Rx to Tx:
60 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD154

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD15-21 CML-CMD15-21 Datasheet
245Kb / 1P
SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD15-21 VCC-CMD15-21 Datasheet
703Kb / 1P
SMT LEDs 1206 Package Size
CMD15-21SRC VCC-CMD15-21SRC Datasheet
703Kb / 1P
SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD15-21SRC/TR8 CML-CMD15-21SRC/TR8 Datasheet
245Kb / 1P
SMT LEDs 1206 Package Size
logo
Skyworks Solutions Inc.
CMD15-21SRCTR8 SKYWORKS-CMD15-21SRCTR8 Datasheet
2Mb / 17P
1.5A Single Flash LED Driver IC
More results

Similar Description - CMD154

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0002 MACOM-MASWSM0002 Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
Johanson Technology Inc...
5250BL15B100 JOHANSON-5250BL15B100 Datasheet
125Kb / 2P
5.2 GHz Balun
logo
API Technologies Corp
CMD173 APITECH-CMD173 Datasheet
111Kb / 1P
5.3 / 5.7 Diplexer
CMD158 APITECH-CMD158 Datasheet
112Kb / 1P
5.7 / 5.8 Duplexer
CMD128 APITECH-CMD128 Datasheet
118Kb / 1P
5.7 Diplexer
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
logo
ON Semiconductor
RSL15 ONSEMI-RSL15 Datasheet
272Kb / 36P
Bluetooth 5.2 Wireless MCU
May, 2022 Rev. 1
logo
Mitsubishi Electric Sem...
AA057VF12 MITSUBISHI-AA057VF12 Datasheet
635Kb / 22P
5.7”VGA
Dec.26,11
logo
Xtaltq Technologies Co....
BT0503C XTALTQ-BT0503C Datasheet
228Kb / 2P
SMD Package (5.2×3.4mm)
Aug.30. 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com