Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB25SN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DB25SN
Description  PCB layouts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DB25SN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DB25SN Datasheet HTML 1Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 2Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 3Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 4Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 5Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Standard D
HIGH PERFORMANCE D SUB-MINIATURE
A range of D connectors
utilising stamped and
formed or turned
contacts to provide a low
cost option for
commercial applications.
FEATURES
Choice of three termination
styles – solder bucket,
straight p.c. and 90° p.c.
Threaded inserts on 90° p.c.
versions as standard –
accepts a wide range of
mounting hardware.
Tinned and dimpled shell
options – for EMI/RFI
shielding.
Optional solderable boardlock
features for 90° p.c. types –
reduces installation time.
Designed for demanding
industrial applications,
McMurdo’s D connectors
offer precision turned
contacts in two
performance levels:
Standard D offers a
minimum of 500
operations. Budget D has
been developed for harsh
industrial applications
offering 300 operations.
FEATURES
Standard D meets the most
demanding requirements.
Precision turned contacts.
Available in five shell sizes,
providing up to 50 contacts.
Solder bucket, straight p.c.,
90° p.c. and wire wrapping
termination styles – to suit all
your applications.
Tinned and dimpled shell
options – for EMI/RFI
shielding.
Wide range of accessories –
greater user flexibility.
All ranges: male
No.of
contacts
9
15
25
37
50
A
31.19
30.43
39.52
38.76
53.42
52.65
69.70
68.94
67.34
66.55
B
17.04
16.79
25.37
25.12
39.09
38.84
55.55
55.30
52.93
52.68
C
25.12
24.87
33.45
33.20
47.17
46.91
63.63
63.37
61.24
60.99
D
8.48
8.23
8.48
8.23
8.48
8.23
8.48
8.23
11.33
10.95
E
12.93
12.17
12.93
12.17
12.93
12.17
12.93
12.17
15.75
14.99
F
6.12
5.82
6.12
5.82
5.99
5.69
5.99
5.69
5.99
5.69
2.3
min
9.1
9.5
5.3
Ø 0.6
Ø 0.6
2.54
3.3
15
10.2
11.5
SD 12.5
LD 13.5
2.3
min
9.1
9.5
5.3
Ø 0.6
18.3
5.3
0.6 x 0.6
Ø 0.6
5.00
9.4
2.54
2.54
2.54
9.4
Ø 0.6
4.00
r: 1.04 max
F
r: 1.65
1.02
A
B
C
r: 2.64
D
E
10º
FRONT FACE
Special D
COMMERCIAL D SUB-MINIATURE
90º P. C.
Straight P. C.
Solder Bucket
Wire Wrap
Straight P. C.
Solder Bucket
90º P. C.
90º P. C. (50 contacts)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com