Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB25SN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DB25SN
Description  PCB layouts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DB25SN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DB25SN Datasheet HTML 1Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 2Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 3Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 4Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 5Page - List of Unclassifed Manufacturers DB25SN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
90º p.c
J
2.54
2.54
2.54
2.54
2.54
PCB layouts
Plug viewed from above,
socket viewed from
below.
High Density D only
Plug viewed from above,
socket viewed from
below.
Straight p.c. 9-37 way
90º p.c. 9-37 way
50 way
50 way
Contact
Arrangement
9
15
25
37
50
A crs
25.00
33.32
47.04
63.50
61.10
15 way
High Density D
26 way
High Density D
62 way
High Density D
44 way
High Density D
78 way
High Density D
Contact
Arrangement
15
26
44
62
78
Straight p.c
J
1.98
1.98
1.98
1.98
2.08
DIMENSIONS
2.84 CRS
1 2
Ø 0.76 min.
2.76
A
2 holes
at Ø 3.2 min.
(2 holes at
Ø 3.0/3.1
boardlock
only)*
2.54 CRS
1
2
Ø 0.76 min.
2.76
A
2 holes
at Ø 3.2 min.
(2 holes at
Ø 3.0/3.1
boardlock
only)*
50
FRONT
2.84 CRS
1
2
Ø 0.76 min.
2.76
A
2 holes at Ø 3.2 min.
(2 holes at Ø 3.0/3.1
boardlock only)*
50
34
2.54 CRS
1
2
Ø 0.76 min.
2.76
A
2 holes at Ø 3.2 min.
(2 holes at Ø 3.0/3.1
boardlock only)*
50
34
FRONT
1.05 Ø min.
2.29
J
6
11
25.00
18
90º FRONT
2.29
J
10
19
33.32
90º FRONT
0.44
1
2.42
J
22
43
63.50
90º FRONT
0.60
1
1
2.29
J
16
31
47.04
90º FRONT
1
2.42
J
40
21
61.10
90º FRONT
1
60
90º p.c.
STRAIGHT
p.c.
90º p.c.
STRAIGHT p.c.
*Special D only
DIMENSIONS
1
1


Similar Part No. - DB25SN

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DB25SN24 ADAM-TECH-DB25SN24 Datasheet
232Kb / 2P
D-SUBMINIATURE RIGHT ANGLE .197 [5.00] SLIMLINE
DB25SN25 ADAM-TECH-DB25SN25 Datasheet
232Kb / 2P
D-SUBMINIATURE RIGHT ANGLE .197 [5.00] SLIMLINE
More results

Similar Description - DB25SN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051523-0116 ITT-051523-0116 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
051527-0006 ITT-051527-0006 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053512-1270 ITT-053512-1270 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053513-1602 ITT-053513-1602 Datasheet
35Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053515-1144 ITT-053515-1144 Datasheet
34Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
053515-1372 ITT-053515-1372 Datasheet
41Kb / 1P
Combo D Series: D-Subminiature offering mixed layouts
DBME-17W2P-K87 ITT-DBME-17W2P-K87 Datasheet
34Kb / 1P
combo D Series: D-Subminiature offering mixed layouts
logo
List of Unclassifed Man...
DE9SBT ETC2-DE9SBT Datasheet
745Kb / 6P
PCB layouts
logo
Winchester Electronics ...
RM21WA4P-50-ZB WINCHESTER-RM21WA4P-50-ZB Datasheet
101Kb / 1P
D-SUB HOUSING - MIXED LAYOUTS
RM21WA4S-50-ZB WINCHESTER-RM21WA4S-50-ZB Datasheet
48Kb / 1P
D-SUB HOUSING MIXED LAYOUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com