Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB3 Datasheet(PDF) 3 Page - CTS Corporation

Part # CB3
Description  Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB3 Datasheet(HTML) 3 Page - CTS Corporation

  CB3 Datasheet HTML 1Page - CTS Corporation CB3 Datasheet HTML 2Page - CTS Corporation CB3 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document No. 008-0256-0
Page 3 - 3
Rev. G
Model CB3 & CB3LV
7.0mm x 5.0mm Low Cost
HCMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
NOTES
1. Termination pads [e4]. Barrier-plating is nickel
[Ni] with gold [Au] flash plate.
2. Reflow conditions per JEDEC J-STD-020, 260°C
maximum.
3. Moisture Sensitivity Level 1 per JEDEC J-STD-020.
SUGGESTED SOLDER PAD GEOMETRY
CBYPASS should be ≥ 0.01 uF.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH
Enable
2
GND
Circuit & Package Ground
3
Output
RF Output
4
VCC
Supply Voltage
TEST CIRCUIT, CMOS LOAD
LVCMOS OUTPUT WAVEFORM
ENABLE TRUTH TABLE
PIN 1
PIN 3
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
CTS**CB3
XXXMXXXXXX
● YYWWSTV
MARKING INFORMATION
1. ** – Manufacturing Site Code.
[Note a dash may follow the site code and is acceptable.]
2. XXXMXXXXXX – Frequency is marked with only
leading significant digits before the ‘M’ and
4 – 6 digits after the ‘M’ (including zeros).
Ex. XMXXXXXX [3M579545]
XXMXXXXX [14M31818]
XXXMXXXX [125M0000]
3. YYWW – Date code, YY – year, WW – week.
4. ST – Frequency stability/temperature code.
[Refer to Ordering Information.]
5. V – Voltage code. 3 = 3.3V, 5 = 5.0V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com