Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB3 Datasheet(PDF) 1 Page - CTS Corporation

Part # CB3
Description  Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB3 Datasheet(HTML) 1 Page - CTS Corporation

  CB3 Datasheet HTML 1Page - CTS Corporation CB3 Datasheet HTML 2Page - CTS Corporation CB3 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document No. 008-0256-0
Page 1- 3
Rev. G
www.ctscorp.com
Model CB3 & CB3LV
HCMOS/TTL Clock Oscillator
FEATURES
• Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
• HCMOS/TTL Compatible Output
• Fundamental and 3rd Overtone Crystal Designs
• Frequency Range 1 – 200 MHz
• Frequency Stability ±50 ppm Standard, ±25 ppm and ±20 ppm Available
• Operating Voltages +5.0Vdc or +3.3Vdc
• Operating Temperature to -40°C to +85°C
• Output Enable Standard
• Tape & Reel Packaging
• RoHS/Green Compliant (6/6)
APPLICATIONS
Applications for Model CB3 and CB3LV include digital video, networking equipment, wireless communications,
broadband access, Ethernet/Gigabit Ethernet, microprocessors/DSP/FPGA, storage area networks, fiber channel,
computers and peripherals, test and measurement, SONET/SDH/DWDM, base stations and Pico cells.
ORDERING INFORMATION
4] CTS Distributors may add a -T or -1 at the end of the part number to indicate Tape and Reel packaging.
Not all performance combinations and frequencies may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
6 = ± 20 ppm
1
5 = ± 25 ppm
3 = ± 50 ppm [std]
7 = ± 32 ppm
2
2 = ± 100 ppm
2
C = -20°C to +70°C [standard]
I = -40°C to +85°C 1
1] 6I Stability/Temperature combination is not available.
3] Frequency is recorded with only leading significant digits before the ‘M’ and 4 - 6 significant digits after the ‘M’ (including zeros).
[Ex. 3.579545 MHz, code as 3M579545; 14.31818 MHz, code as 14M31818; 125 MHz, code as 125M0000]
LV = +3.3Vdc
Blank = +5.0Vdc
M - indicates MHz and decimal point. 3
FREQUENCY STABILITY
OPERATING TEMPERATURE RANGE
SUPPLY VOLTAGE
FREQUENCY IN MHz
M
-
2] These stabilities are not recommended for new designs.
-
CB3
PACKAGING INFORMATION [reference]
Device quantity is 1,000 pieces maximum per reel.


Similar Part No. - CB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
CMOS/TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB3 CTS-CB3 Datasheet
1Mb / 4P
Standard 7.0x5.0mm Surface Mount Footprint
logo
Eaton All Rights Reserv...
CB3 EATON-CB3 Datasheet
3Mb / 27P
Single Row Terminal Blocks
logo
Stackpole Electronics, ...
CB3 SEI-CB3 Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Multicomp Pro
CB3 MULTICOMP-CB3 Datasheet
110Kb / 1P
Ceramic Bead Spacers
09/09/19 V1.0
More results

Similar Description - CB3

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AAAF5060BESEEVGA KINGBRIGHT-AAAF5060BESEEVGA Datasheet
245Kb / 7P
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
AAAF5060BESUVGAC KINGBRIGHT-AAAF5060BESUVGAC Datasheet
239Kb / 7P
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
AAAF5051-02 KINGBRIGHT-AAAF5051-02 Datasheet
352Kb / 9P
5.0mm x 5.0mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2CY82W SUNLED-ZM2CY82W Datasheet
191Kb / 4P
5.0mm x 6.0mm SURFACE MOUNT LED LAMP
logo
Vectron International, ...
C2310 VECTRON-C2310_07 Datasheet
157Kb / 6P
Standard Surface Mount Package
logo
CTS Corporation
405I35D24M00000 CTS-405I35D24M00000 Datasheet
125Kb / 3P
Standard 5.0mm x 3.2mm Ceramic Surface Mount Package
CB3LV-3C-7M3728 CTS-CB3LV-3C-7M3728 Datasheet
216Kb / 3P
Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
CB3LV-3C-18M4320 CTS-CB3LV-3C-18M4320 Datasheet
216Kb / 3P
Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
CB3LV-5I-27M0000 CTS-CB3LV-5I-27M0000 Datasheet
216Kb / 3P
Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
logo
TAI-SAW TECHNOLOGY CO.,...
TB1318A TAI-SAW-TB1318A Datasheet
352Kb / 7P
145MHz 0.125MHzBW SMD 7.0mm x 5.0mm SAW IF Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com