Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL04DP211 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBTL04DP211
Description  DisplayPort 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04DP211 Datasheet(HTML) 4 Page - NXP Semiconductors

  CBTL04DP211 Datasheet HTML 1Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 2Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 3Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 4Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 5Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 13 April 2012
4 of 18
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for HVQFN32
002aag019
Transparent top view
IN1_1+
27
1
OUT_0+
IN1_1-
26
2
OUT_0-
IN2_0+
25
3
VDD
IN2_0-
24
4
OUT_1+
IN2_1+
23
5
OUT_1-
IN2_1-
22
6
AUX+
GND
21
7
AUX-
VDD
20
8
HPD_IN
AUX1+
19
9
VDD
AUX1-
18
10
GPU_SEL
HPD_1
17
11
n.c.
CBTL04DP211BS
Table 2.
Pin description
Symbol
Pin
Type
Description
GPU_SEL
10
3.3 V CMOS
single-ended input
Selection for Main Link and Hot Plug Detect
signals between two multiplexer/switch paths.
When HIGH, path 2 is connected to its
corresponding I/O. When LOW, path 1 is
connected to its corresponding I/O.
AUX_SEL
32
3.3 V CMOS
single-ended input
Selects between AUX paths. When HIGH, AUX2
(path 2) input is connected to AUX output. When
LOW, AUX1 (path 1) input is connected to AUX
output.
IN1_0+
31
differential I/O
Two bidirectional high-speed differential pairs for
DisplayPort Main Link signals, path 1.
IN1_0
−
30
differential I/O
IN1_1+
27
differential I/O
IN1_1
−
26
differential I/O
IN2_0+
25
differential I/O
Two bidirectional high-speed differential pairs for
DisplayPort Main Link signals, path 2.
IN2_0
−
24
differential I/O
IN2_1+
23
differential I/O
IN2_1
−
22
differential I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com