Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL04DP211 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CBTL04DP211
Description  DisplayPort 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL04DP211 Datasheet(HTML) 1 Page - NXP Semiconductors

  CBTL04DP211 Datasheet HTML 1Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 2Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 3Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 4Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 5Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
CBTL04DP211 is an (Embedded) DisplayPort multiplexer for DisplayPort v1.1a switching
and multiplexing applications on PC platforms. It is capable of 1 : 2 switching or
2 : 1 multiplexing of 2-lane DisplayPort Main Link signals, using high-bandwidth pass-gate
technology. Also, it can switch/multiplex Hot Plug Detect (HPD) signal and AUX signals,
for a total of four channels on the display side.
To facilitate DisplayPort switching/multiplexing scheme on PC platforms suitably,
CBTL04DP211 provides two separate selection pins (GPU_SEL, AUX_SEL). The
selection pin GPU_SEL performs switching from one Main Link to another Main Link. HPD
signals will also be switched using the same selection pin. A separate select pin
(AUX_SEL) provides additional selection between two AUX channels such that the AUX
channel selection is independent of the Main Link and HPD signal selection.
A typical application of CBTL04DP211 is on motherboards where one of two GPU/CPU
display sources needs to be selected to connect to a DisplayPort sink device or connector.
A controller chip selects which path to use by setting a select signal HIGH or LOW. Due to
the non-directional nature of the signal paths (which use high-bandwidth pass-gate
technology), the CBTL04DP211 can also be used in the reverse topology, e.g., to connect
one DisplayPort source device to one of two DisplayPort sink devices or connectors.
2.
Features and benefits
Supports DisplayPort v1.1a: 1.62 Gbit/s, 2.7 Gbit/s
Supports Embedded DisplayPort v1.2: 1.62 Gbit/s, 2.7 Gbit/s
Supports 1-lane, 2-lane Main Link operation
1 : 2 switching or 2 : 1 multiplexing of DisplayPort Main Link signals
2 high-speed differential channels with 2 : 1 multiplexing/switching for DisplayPort
Main Link signals
1 channel with 2 : 1 multiplexing/switching for AUX signals
1 channel with 2 : 1 multiplexing/switching for single-ended HPD signals
High-bandwidth analog pass-gate technology
Very low intra-pair differential skew (5 ps typical)
Very low inter-pair skew (< 180 ps)
Switch/multiplexer position select CMOS input
Single 3.3 V power supply
Very low operation current of 0.2 mA typical
ESD 8 kV HBM, 1 kV CDM
ESD 2 kV HBM, 500 V CDM for control pins
Available in 3 mm
× 6 mm, 0.4 mm pitch HVQFN32 package
CBTL04DP211
DisplayPort 2 : 1 multiplexer
Rev. 2 — 13 April 2012
Product data sheet


Similar Part No. - CBTL04DP211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
CBTL04DP211BS PHILIPS-CBTL04DP211BS Datasheet
465Kb / 17P
DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
More results

Similar Description - CBTL04DP211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
2:1 Multiplexer
February, 2000 ??Rev. 1
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
2:1 Multiplexer
1996 REV 2
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
2:1 MULTIPLEXER
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
2:1 MULTIPLEXER
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
DisplayPort 1:2 Switch
logo
NXP Semiconductors
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
CBTL06DP212 NXP-CBTL06DP212 Datasheet
158Kb / 18P
High-performance DisplayPort Gen2 2 : 1 multiplexer
Rev. 2 ??3 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com