Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

338RPFS Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 338RPFS
Description  8-CHANNEL MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

338RPFS Datasheet(HTML) 1 Page - Maxwell Technologies

  338RPFS Datasheet HTML 1Page - Maxwell Technologies 338RPFS Datasheet HTML 2Page - Maxwell Technologies 338RPFS Datasheet HTML 3Page - Maxwell Technologies 338RPFS Datasheet HTML 4Page - Maxwell Technologies 338RPFS Datasheet HTML 5Page - Maxwell Technologies 338RPFS Datasheet HTML 6Page - Maxwell Technologies 338RPFS Datasheet HTML 7Page - Maxwell Technologies 338RPFS Datasheet HTML 8Page - Maxwell Technologies 338RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
All data sheets are subject to change without notice
(858)503- 3000 Fax:(858) 503-3100 - www.maxwell.com
©2002 Maxwell Technologies Inc..
All rights reserved.
09.12.02 Rev 3
338
8-CHANNEL MULTIPLEXER
FEATURES:
•RAD-PAK® Technology hardened against
natural space radiation
• Total dose hardness >100 Krads (Si),
dependent upon orbit
• Package:
-16 Pin RAID-PAK®flatpack
• On-resistance, <400 Ohms max
• Transition time, <500ns
• On-resistance match, <10 Ohms
• NO-Off leakage current, <20pA at 25oC
• 1.5pC charge injection
• Single-supply operation (4.5V to 30V)
bipolar-supply operation (±4.5V to
±20V)
• Plug-in upgrade for industry-standard
DG508A/DG509A
• Rail-to-rail signal handling
• TTL/CMOS-logic compatible
DESCRIPTION:
Maxwell Technologies’ 338 monolithic, CMOS
analog
multiplexer
features
the
338
is
designed to connect one of eight inputs to a
common output by control of a 3-bit binary
address, and may be used as either a mux or
a demux. On-resistance is 400 ohms max,
and the it conducts current equally well in both
directions. These muxes feature extremely
low off leakages (less than 20pA at 25°C), and
extremely low on-channel leakages (less than
50pA at 25°C). The new design offers guaran-
teed low charge injection (1.5pC typ) and elec-
trostatic discharge (ESD) protection greater
than 2000V, per method 3015.7. The 338
operates from a single 4.5V to 30V supply or
from dual supplies of ±4.5V to ±20V. All control
inputs (whether address or enable) are TTL
compatible (0.8V to 2.4V) over the full speci-
fied temperature range and over the ±4.5V to
±18V supply range. Capable of surviving
space environments, the 338 is ideal for satel-
lite, spacecraft, and space probe missions.
The patented radiation-hardened
RAD-PAK®
technology incorporates radiation shielding in
the microcircuit package. It eliminates box
shielding while providing required lifetime in
orbit. This product is available up to Class S
packaging and screening.
CMOS DECODE LOGIC
NO1
NO3
NO4
NO5
NO6
NO7
NO8
NO2
COM
A2
A1A0
EN
V-
V+
GND
SEi
338RP
A0
EN
V-
NO1
NO2
NO3
NO4
COM
A1
A2
GND
V+
NO5
NO6
NO7
NO8
1
89
16
338
Maxwell


Similar Part No. - 338RPFS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
338RZM010M1325 ILLINOISCAPACITOR-338RZM010M1325 Datasheet
126Kb / 4P
105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
338RZM010M1325 ILLINOISCAPACITOR-338RZM010M1325 Datasheet
686Kb / 3P
105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
338RZM010M1620 ILLINOISCAPACITOR-338RZM010M1620 Datasheet
126Kb / 4P
105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
338RZM010M1620 ILLINOISCAPACITOR-338RZM010M1620 Datasheet
686Kb / 3P
105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
338RZM016M1340 ILLINOISCAPACITOR-338RZM016M1340 Datasheet
126Kb / 4P
105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 338RPFS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
8 CHANNEL MULTIPLEXER
Feb-1993
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
8-Channel Digital Multiplexer
logo
Toshiba Semiconductor
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
265Kb / 6P
8 CHANNEL MULTIPLEXER
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
8 - CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
8 CHANNEL MULTIPLEXER
TC74HC151AP TOSHIBA-TC74HC151AP_07 Datasheet
340Kb / 10P
8-Channel Multiplexer
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
8 CHANNEL MULTIPLEXER
Jul-2001
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
8-Channel Multiplexer
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
8-Channel Multiplexer
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com