Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV0716D Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # AV0716D
Description  single-chip synthesizing CMOS VLSI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV0716D Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  AV0716D Datasheet HTML 1Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 2Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 3Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 4Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 5Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 6Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 7Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 8Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APLUS 巨華積体電路股份有限公司
AVxx16 Series
www.aplusinc.com.tw
Page
/ 9
2002-Rev.2
1
GENERAL DESCRIPTION:
The AVH316B, AVH316C, AVH316D, AV0716C, AV0716D, AV1416D, AV2116A, AV2816A is a single-chipsynthesizingCMOS VLSI that cansynthesize voice
up to 3.5,7,14,21,28 seconds using APLUS qualified coding algorithm(LOGPCM).
Customer speechdata will be editedand programmed into ROM by changingone mask during one mask during the device fabrication.
FEATURES:
1. Single power supply canoperate from 2.4v through 5v.
2. The total voice duration is about 3.5,7,14,21,28,42seconds could be partitioned upto 16 voicesections.
Each voicesection could have 4 playing lengths; the longest one is the origional voice+mute length.
3. Voice + mutelength couldupto 22seconds ( 11seconds in AVH316 ) (6ksampling rate) for each voicesection.
4. One 112voice-steps table, could be partitioned up to16 subtables of steps.
5. 5 mask option ofplayback speed : 1>4.3K ; 2>5.0K ; 3> 6.0K ; 4> 7.5K ; 5> 10.0K ( Hz )
6. 1 trigger input (TG): with resistive schmitt input (270K---1M) for CDS interface.
sequential function : oncetheinput was triggered sequentially the device will response byone subtable of voice_step
sequentially andcyclically, from subtable_m ( m= 1 -16 ) to user defined subtable_n ( n= 1 - 16 ) .
random function : Once the input was trigger , the device will response fromsubtable_m( m: 1 - 16 ) to subtable_n
( n: 1- 16 )at random .
snooze function : use 2 subtables : 1st stores ringingvoice , playing when time's up.
2nd stores ( greetingsound+ ) snooze time .
7.Has two debounce time : 10 ms, 50 us. with following mask option
A>50us B>10ms C>IO1(VDD-50us,GND-10ms) D>IO2(VDD-50us,GND-10ms)
E>IO3(VDD-50us,GND-10ms)
C,D,E;could only be selected when IO1,IO2,IO3are mask_option as control input .
8. Automatic Rosc selection : enable - the devicewill use externalRosc if it hasexternal Rosc ; the devicewill use internal Rosc
automaticallyif it hasn't external Rosc . ( It must be determined before operation )
disable - use external Rosc only. IO2 - VDD : disable
GND :enable
Internal Rosc options : (maskoption)
For VH316B ,AVH316C ,AVH316D ,AV0716C ,AV0716D ,AV1416D ,AV2116A , AV2816A :
playback
speed(khz)
A
B
C
D
E
F
G
H
I
J
K
L
M
4.3
8.9
8.6
7.9
7
6.3
5.8
5.4
5.1
4.7
4.3
4.1
3.9
3.6
5
10.3
10
9.2
8.2
7.3
6.8
6.3
5.9
5.5
5
4.8
4.6
4.2
6
12.4
12
11
9.8
8.8
8.1
7.5
7.1
6.6
6
5.7
5.5
5
7.5
15.5
15
13.8
12.3
11
10.1
9.4
8.9
8.3
7.5
7.1
6.9
6.3
10
20.7
20
18.3
16.3
14.7
13.5
12.5
11.8
11
10
9.5
9.2
8.3


Similar Part No. - AV0716D

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AV0716K APLUS-AV0716K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
More results

Similar Description - AV0716D

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AVXX08 APLUS-AVXX08 Datasheet
443Kb / 10P
single-chip voice synthesizing CMOS IC
AVXX16K APLUS-AVXX16K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
AVXX32A APLUS-AVXX32A Datasheet
392Kb / 13P
single-chip voice synthesizing CMOS IC
AVXXX-TGX8 APLUS-AVXXX-TGX8 Datasheet
269Kb / 13P
single-chip synthesizing CMOS VLSI
logo
Samsung semiconductor
S3C7565 SAMSUNG-S3C7565 Datasheet
289Kb / 42P
single-chip CMOS microcontroller
S3C7559 SAMSUNG-S3C7559 Datasheet
266Kb / 38P
single-chip CMOS microcontroller
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
Single-Chip CMOS Microcontrollers
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
single-chip CMOS microcontroller
logo
List of Unclassifed Man...
WD61C96A ETC1-WD61C96A Datasheet
14Mb / 201P
Single-Chip VLSI Peripheral Cache Manager
WD33C95A ETC1-WD33C95A Datasheet
776Kb / 11P
Single Chip VLSI SCSI bus controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com