Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV0716D Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # AV0716D
Description  single-chip synthesizing CMOS VLSI
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV0716D Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  AV0716D Datasheet HTML 1Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 2Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 3Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 4Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 5Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 6Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 7Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 8Page - Aplus Intergrated Circuits AV0716D Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APLUS 巨華積体電路股份有限公司
AVxx16 Serie
www.aplusinc.com.tw
Page
/ 9
2002-Rev.2
5
PIN DESCRIPTION :
PADNAME
PINATTR.
FUNCTION
VDD
POWER
POSITIVEPOWERSUPPLY.
OSC
I
OSCILLATORINPUT(300KohmCONNECTTOVDD).
TEST
I
TESTPAD,FORPRODUCTIONTESTING(TESTHIGHFORTESTING)
TG
I
TRIGGERINPUT,INTERNALPULLLOW(HIGHACTIVE).
IO1,IO2,IO3
I/O
AUDIOSIGNAL;STATUS OUTPUT;CONTROL INPUT.
VSS
POWER
NEGATIVEPOWERSUPPLY.
ABSOLUTE MAXIMUM RATING :
SYMBOL
RATING
UNIT
VDD~VSS
-0.5~+7.0
V
VIN(FORALLINPUT)
VSS-0.3<VIN<VDD+0.3
V
VOUT(FORALLOUTPUT)
GND<VOUT<VDD
V
T(OPERATING)
0~+70
℃
T(STORAGE)
-25~+75
℃
DC CHARACTERISTICS :
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITION
VDD
OPERATINGVOLTAGE
2.4
3
5
V
Isb
STANDBY
0.1
Iop
SUPPLY
CURRENT
OPERATING
200
uA
VDD=3V,I/OOPEN
(WITH Rosc)
Iih
5
Iil
TG
0
uA
VDD=3V
-1.2
-1.5
-1.8
-2.4
-3
-3.6
Ico
IO1 USEAS
CURRENTOUT
(FULLSCALE)
-3.6
-4.5
-5.4
mA
VDD=3V,VO/P=0.7V
Iih
0.5
Iil
IO1,IO2,IO3
USEAS
CONTROLINPUT
0
uA
VDD=3V
Ioh
min:-0.9
max:-1.4
VDD=3V,VO/P=0V
Iol
IO1,IO2,IO3
USEASSTATUS OUTPUT
DURINGOPERATING
8
10
12
mA
VDD=3V,VO/P=3V
dF/F
FREQUENCY
STABILITY
-10
10
%
Fosc(3v)-Fosc(2.4v)
Fosc(3v)
dF/F
FoscVARIATION
-10
10
%
VDD=3V,Rosc=300K
(Rosc=180KinAV1416)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com