Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCAP0010 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # BCAP0010
Description  HC SERIES ULTRACAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0010 Datasheet(HTML) 4 Page - Maxwell Technologies

  BCAP0010 Datasheet HTML 1Page - Maxwell Technologies BCAP0010 Datasheet HTML 2Page - Maxwell Technologies BCAP0010 Datasheet HTML 3Page - Maxwell Technologies BCAP0010 Datasheet HTML 4Page - Maxwell Technologies BCAP0010 Datasheet HTML 5Page - Maxwell Technologies BCAP0010 Datasheet HTML 6Page - Maxwell Technologies BCAP0010 Datasheet HTML 7Page - Maxwell Technologies BCAP0010 Datasheet HTML 8Page - Maxwell Technologies BCAP0010 Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4
Document number: 1013793.9
maxwell.com
DATASHEET
HC SERIES ULTRACAPACITORS
POWER & ENERGY AT 2.7V
BCAP0025
T01/T11
BCAP0050
BCAP0100 T01
BCAP0100 T07
BCAP0150
Usable Specific Power, P
d
4
2,800 W/kg
3,400 W/kg
2,500 W/kg
2,700 W/kg
2,000 W/kg
Impedance Match Specific Power, P
max
5
5,800 W/kg
7,000 W/kg
5,300 W/kg
5,500 W/kg
4,100 W/kg
Specific Energy, E
max
6
3.4 Wh/kg
3.9 Wh/kg
4.4 Wh/kg
4.6 Wh/kg
4.7 Wh/kg
Stored Energy, E
stored
7,11
0.025 Wh
0.051 Wh
0.101 Wh
0.101 Wh
0.152 Wh
SAFETY
Short Circuit Current, typical
(Current possible with short circuit from rated
voltage. Do not use as an operating current.)
64 A
140 A
180 A
180 A
190 A
Certifications
UL810a, RoHS
UL810a, RoHS
UL810a, RoHS
UL810a, RoHS
UL810a, RoHS
PRODUCT SPECIFICATIONS (Cont’d)
THERMAL
CHARACTERISTICS
Thermal Resistance (R
ca, Case to
Ambient), typical8
47oC/W
26oC/W
22oC/W
22oC/W
18oC/W
Thermal Capacitance (C
th), typical
6.3 J/oC
13 J/oC
23 J/oC
23 J/oC
32
Maximum Continuous Current
(ΔT = 15oC)8
2.8 A
RMS
5.4 A
RMS
6.7 A
RMS
6.7 A
RMS
7.7 A
RMS
Maximum Continuous Current
(ΔT = 40oC)8
4.5 A
RMS
8.8 A
RMS
11 A
RMS
11 A
RMS
13 A
RMS
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com