Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCAP0010 Datasheet(PDF) 5 Page - Maxwell Technologies

Part # BCAP0010
Description  HC SERIES ULTRACAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0010 Datasheet(HTML) 5 Page - Maxwell Technologies

  BCAP0010 Datasheet HTML 1Page - Maxwell Technologies BCAP0010 Datasheet HTML 2Page - Maxwell Technologies BCAP0010 Datasheet HTML 3Page - Maxwell Technologies BCAP0010 Datasheet HTML 4Page - Maxwell Technologies BCAP0010 Datasheet HTML 5Page - Maxwell Technologies BCAP0010 Datasheet HTML 6Page - Maxwell Technologies BCAP0010 Datasheet HTML 7Page - Maxwell Technologies BCAP0010 Datasheet HTML 8Page - Maxwell Technologies BCAP0010 Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page 5
Document number: 1013793.9
maxwell.com
DATASHEET
HC SERIES ULTRACAPACITORS
DATASHEET
HC SERIES ULTRACAPACITORS
LIFE
BCAP0001
BCAP0003
BCAP0005
BCAP0010
T01/T11/T12
DC Life at High Temperature1
(held continuously at Rated Voltage & Maximum
Operating Temperature)
1,000 hours
1,000 hours
1,000 hours
1,000 hours
Capacitance Change
(% decrease from minimum initial value)
30%
30%
30%
30%
ESR Change
(% increase from maximum initial value)
100%
100%
100%
100%
Projected DC Life at 25oC 1
(at Rated Voltage & 25oC)
10 years
10 years
10 years
10 years
Capacitance Change
(% decrease from minimum initial value)
30%
30%
30%
30%
ESR Change
(% increase from maximum initial value)
100%
100%
100%
100%
Projected Cycle Life at 25oC1,9,10
500,000 cycles
500,000 cycles
500,000 cycles
500,000 cycles
Capacitance Change
(% decrease from minimum initial value)
30%
30%
30%
30%
ESR Change
(% increase from maximum initial value)
100%
100%
100%
100%
Test Current
0.1 A
0.33 A
0.5 A
1.0 A
Shelf Life
(Stored uncharged at 25oC)
2 years
2 years
2 years
2 years
TYPICAL CHARACTERISTICS (Cont’d)
80%
90%
100%
110%
120%
130%
140%
150%
160%
170%
180%
-60
-40
-20
0
20
40
60
80
Temperature (°C)
Capacitance
DC ESR
ESR AND CAPACITANCE VS TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com