Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCAP3000 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # BCAP3000
Description  K2 SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP3000 Datasheet(HTML) 2 Page - Maxwell Technologies

  BCAP3000 Datasheet HTML 1Page - Maxwell Technologies BCAP3000 Datasheet HTML 2Page - Maxwell Technologies BCAP3000 Datasheet HTML 3Page - Maxwell Technologies BCAP3000 Datasheet HTML 4Page - Maxwell Technologies BCAP3000 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
Document number: 1015370.4
maxwell.com
DATASHEET
K2 SERIES ULTRACAPACITORS
PRODUCT SPECIFICATIONS (Cont’d)
POWER & ENERGY
BCAP0650
BCAP1200
BCAP1500
BCAP2000
BCAP3000
Usable Specific Power, P
d
4
6,800 W/kg
5,800 W/kg
6,600 W/kg
6,900 W/kg
5,900 W/kg
Impedance Match Specific Power, P
max
5
14,000 W/kg
12,000 W/kg
14,000 W/kg
14,000 W/kg
12,000 W/kg
Specific Energy, E
max
6
4.1 Wh/kg
4.7 Wh/kg
5.4 Wh/kg
5.6 Wh/kg
6.0 Wh/kg
Stored Energy, E
stored
7,11
0.66 Wh
1.22 Wh
1.52 Wh
2.03 Wh
3.04 Wh
SAFETY
Short Circuit Current, typical
(Current possible with short circuit from rated
voltage. Do not use as an operating current.)
3,400 A
4,700 A
5,700 A
7,700 A
9,300 A
Certifications
UL810a, RoHS
UL810a, RoHS
UL810a, RoHS
UL810a, RoHS
UL810a, RoHS
THERMAL
CHARACTERISTICS
Thermal Resistance (R
ca, Case to
Ambient), typical8
6.5oC/W
5.3oC/W
4.5oC/W
3.8oC/W
3.2oC/W
Thermal Capacitance (C
th), typical
8
190 J/oC
300 J/oC
320 J/oC
410 J/oC
600 J/oC
Maximum Continuous Current
(ΔT = 15oC)8
54 A
RMS
70 A
RMS
84 A
RMS
110 A
RMS
130 A
RMS
Maximum Continuous Current
(ΔT = 40oC)8
88 A
RMS
110 A
RMS
140 A
RMS
170 A
RMS
210 A
RMS
TYPICAL CHARACTERISTICS
LIFE
DC Life at High Temperature1
(held continuously at Rated Voltage and Maximum
Operating Temperature)
1,500 hours
1,500 hours
1,500 hours
1,500 hours
1,500 hours
Capacitance Change
(% decrease from minimum initial value)
20%
20%
20%
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
100%
100%
100%
Projected DC Life at 25oC1
(held continuously at Rated Voltage)
10 years
10 years
10 years
10 years
10 years
Capacitance Change
(% decrease from minimum initial value)
20%
20%
20%
20%
20%
ESR Change
(% increase from maximum initial value)
100%
100%
100%
100%
100%
Projected Cycle Life at 25oC1,9,10
1,000,000 cycles 1,000,000 cycles 1,000,000 cycles 1,000,000 cycles 1,000,000 cycles
Capacitance Change
(% decrease from minimum initial value)
20%
20%
20%
20%
20%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com