Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCAP3000 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # BCAP3000
Description  K2 SERIES ULTRACAPACITORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP3000 Datasheet(HTML) 3 Page - Maxwell Technologies

  BCAP3000 Datasheet HTML 1Page - Maxwell Technologies BCAP3000 Datasheet HTML 2Page - Maxwell Technologies BCAP3000 Datasheet HTML 3Page - Maxwell Technologies BCAP3000 Datasheet HTML 4Page - Maxwell Technologies BCAP3000 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
Document number: 1015370.4
maxwell.com
DATASHEET
K2 SERIES ULTRACAPACITORS
LIFE (Cont'd)
ESR Change
(% increase from maximum initial value)
100%
100%
100%
100%
100%
Test Current
65 A
75 A
100 A
100 A
100 A
Shelf Life
(Stored uncharged at 25oC)
4 years
4 years
4 years
4 years
4 years
80%
90%
100%
110%
120%
130%
140%
150%
160%
170%
180%
-60
-40
-20
0
20
40
60
80
Temperature (°C)
Capacitance
DC ESR
ESR AND CAPACITANCE VS TEMPERATURE
NOTES
1. Capacitance and ESR
DC measured at 25°C using
specified test current per waveform below.
2. Absolute maximum voltage, non-repeated. Not to
exceed 1 second.
3. After 72 hours at rated voltage. Initial leakage current
can be higher.
4. Per IEC 62391-2, P
d =
5. P
max =
6. E
max =
7. E
stored =
0.12V2
ESR
DC x mass
V2
4 x ESR
DC x mass
½ CV2
3,600 x mass
8. ∆T=I
RMS
2
x ESR x R
ca
9. Cycle using specified test current per waveform
below.
10. Cycle life varies depending upon application-specific
characteristics. Actual results will vary.
11. Per United Nations material classification UN3499, all
Maxwell ultracapacitors have less than 10 Wh capacity
to meet the requirements of Special Provisions 361.
When packaged according to the regulation, both
individual ultracapacitors and modules composed
of those ultracapacitors shipped by Maxwell can be
transported without being treated as dangerous
goods (hazardous materials).
½ CV2
3,600



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com