Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM809 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM809
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM809 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM809 Datasheet HTML 2Page - Texas Instruments LM809 Datasheet HTML 3Page - Texas Instruments LM809 Datasheet HTML 4Page - Texas Instruments LM809 Datasheet HTML 5Page - Texas Instruments LM809 Datasheet HTML 6Page - Texas Instruments LM809 Datasheet HTML 7Page - Texas Instruments LM809 Datasheet HTML 8Page - Texas Instruments LM809 Datasheet HTML 9Page - Texas Instruments LM809 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LM809, LM810
SNVS052D – SEPTEMBER 1999 – REVISED MAY 2013
www.ti.com
APPLICATIONS INFORMATION
Benefits of Precision Reset Thresholds
A microprocessor supply supervisor must provide a reset output within a predictable range of the supply voltage.
A common threshold range is between 5% and 10% below the nominal supply voltage. The 4.63V and 3.08V
options of the LM809/810 use highly accurate circuitry to ensure that the reset threshold occurs only within this
range (for 5V and 3.3V supplies). The other voltage options have the same tight tolerance to ensure a reset
signal for other narrow monitor ranges. See Table 1 for examples of how the standard reset thresholds apply to
3V, 3.3V, and 5V nominal supply voltages.
Table 1. Reset Thresholds Related to Common Supply Voltages
Reset Threshold
3.0V
3.3V
5.0V
4.63 ± 3%
90 - 95%
4.38 ± 3%
85 - 90%
4.00 ± 3%
78 - 82%
3.08 ± 3%
90 - 95%
2.93 ± 3%
86 - 90%
2.63 ± 3%
85 - 90%
77 - 81%
2.45 ± 3%
79 - 84%
72 - 76%
Ensuring a Valid Reset Output Down to VCC = 0V
When VCC falls below 1V, the LM809 RESET output no longer sinks current. A high-impedance CMOS logic
input connected to RESET can therefore drift to undetermined voltages. To prevent this situation, a 100k
Ω
resistor should be connected from the RESET output to ground, as shown in Figure 9.
A 100k
Ω pull-up resistor to VCC is also recommended for the LM810, if RESET is required to remain valid for VCC
< 1V.
Figure 9. RESET Valid to VCC = Ground Circuit
Negative-Going VCC Transients
The LM809/810 are relatively immune to short negative-going transients or glitches on VCC. Figure 10 shows the
maximum pulse width a negative-going VCC transient can have without causing a reset pulse. In general, as the
magnitude of the transient increases, going further below the threshold, the maximum allowable pulse width
decreases. Typically, for the 4.63V and 4.38V version of the LM809/810, a VCC transient that goes 100mV below
the reset threshold and lasts 20µs or less will not cause a reset pulse. A 0.1 µF bypass capacitor mounted as
close as possible to the VCC pin will provide additional transient rejection.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM809 LM810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com