Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM809 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM809
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM809 Datasheet(HTML) 1 Page - Texas Instruments

  LM809 Datasheet HTML 1Page - Texas Instruments LM809 Datasheet HTML 2Page - Texas Instruments LM809 Datasheet HTML 3Page - Texas Instruments LM809 Datasheet HTML 4Page - Texas Instruments LM809 Datasheet HTML 5Page - Texas Instruments LM809 Datasheet HTML 6Page - Texas Instruments LM809 Datasheet HTML 7Page - Texas Instruments LM809 Datasheet HTML 8Page - Texas Instruments LM809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM809, LM810
www.ti.com
SNVS052D – SEPTEMBER 1999 – REVISED MAY 2013
LM809/LM810 3-Pin Microprocessor Reset Circuits
Check for Samples: LM809, LM810
1
FEATURES
DESCRIPTION
The LM809/810 microprocessor supervisory circuits
2
•
Precise Monitoring of 3V, 3.3V, and 5V Supply
can be used to monitor the power supplies in
Voltages
microprocessor and digital systems. They provide a
•
Superior Upgrade to MAX809/810
reset to the microprocessor during power-up, power-
•
Fully Specified Over Temperature
down and brown-out conditions.
•
140ms Min. Power-On Reset Pulse Width,
The function of the LM809/810 is to monitor the VCC
240ms Typical
supply voltage, and assert a reset signal whenever
this voltage declines below the factory-programmed
–
Active-Low RESET Output (LM809)
reset threshold. The reset signal remains asserted for
–
Active-High RESET Output (LM810)
240ms after VCC rises above the threshold. The
•
Ensured RESET Output Valid for VCC≥1V
LM809 has an active-low RESET output, while the
LM810 has an active-high RESET output.
•
Low Supply Current, 15µA Typ
•
Power Supply Transient Immunity
Seven standard reset voltage options are available,
suitable for monitoring 5V, 3.3V, and 3V supply
APPLICATIONS
voltages.
•
Microprocessor Systems
With a low supply current of only 15µA, the
LM809/810 are ideal for use in portable equipment.
•
Computers
The LM809/LM810 are available in the 3-pin SOT-23
•
Controllers
package and in the 6-Lead SON package.
•
Intelligent Instruments
•
Portable/Battery-Powered Equipment
•
Automotive
Connection Diagrams
Typical Application Circuit
Top View
Top View
Figure 1. 3-Lead
Figure 2. 6-Lead
SOT-23-3 Package
SON Package
See Package Number
See Package Number
DBZ
NGB0006A
( ) are for LM810
() are for LM810
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM809

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM809 TI1-LM809 Datasheet
1Mb / 18P
LM809/LM810 3-Pin Microprocessor Reset Circuits
LM809 TI2-LM809 Datasheet
831Kb / 20P
LM809/LM810 3-Pin Microprocessor Reset Circuits
REVISED APRIL 2016
logo
National Semiconductor ...
LM809LD-2.63 NSC-LM809LD-2.63 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
LM809LDX-2.63 NSC-LM809LDX-2.63 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
More results

Similar Description - LM809

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM809 TI1-LM809 Datasheet
1Mb / 18P
LM809/LM810 3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com