Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2132 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # AV2132
Description  21, 32, 43, 65 and 87 Seconds Complicate Pure Speech
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV2132 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  AV2132 Datasheet HTML 1Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 2Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 3Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 4Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 5Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 6Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 7Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 8Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AVXX32E-B SERIES
21, 32, 43, 65 and 87 Seconds Complicate Pure Speech
Features
Operating voltage: 2.4V~5.0V
One single-key can implement play-all, play-next
and random function. Maximum play count is 32.
4-column inputs and 3-row outputs can
implement 4x4-matrix function.
Each input can implement looping function.
Single-key and 4-column inputs can be last-key
priority for stand-alone input or first-key priority.
Each input trigger can select trigger mode: (For
OKY, TG0, TG1, TG2, TG3) Edge/Level,
Hold/Unhold, Retrigger/Irretrigger.
Each input trigger can select its own debounce
time:
Fast debounce: < 200us;
Slow debounce: ~16ms (S.R.=6.0kHz)
Support bouncing trigger solution for retrigger
application. (Second trigger force to retrigger
and slow debounce.)
Maximum table entries are 460*8.
Word count is only limited by ROM capacity.
4 output ports for Status or Led application:
OP_A Status:
Busy_high ,DC_low, Stop_high,DC_high
LED: +Fast,+Slow, Dyn(7/10), Off
OP_B Status:
Busy_high, DC_low, Stop_high, DC_high
LED: -Fast, -Slow, Dyn(9/10), On
OP_C Status: Busy_high, DC_low,
Busy_low, DC_high
LED: +Fast, +Slow, On, Off
OP_D Status0: Busy_high, DC_low
Status1: Busy_low, DC_high
Each output can specify its initial state (High or
Low)
Outputs can be set as constant current
regardless of the supply voltage varied.
Two PWM playing ports. Drive speaker or
buzzer directly (For tone only).
One DAC playing port, together with external
bipolar to drive speaker. Ramp up/down is
automatic.
For DAC,
AVXX32E-B series supports 8
levels of current control to offer flexible choises
of corresponding BJT.
Four-level volume control is provided for DAC or
PWM output.
Eight-pitch control is provided.
Voice length: 21, 32, 43, 65 and 87 seconds.
(ROM capacity : 131072*5, 196608*5, 262144*5,
393216*5 and 524288*5 bits)
Voice algorithm: 5-bits LOG_PCM
External resister or built-in resister for system
frequency by bonding option on the same pad.
Sixteen default sampling frequencies are
supported. The default frequencies can be
changed by an external applying resistor.
Support single key play on/off. (For OKY, TG0,
TG1)
Programmable pull-high, pull-low or floating
input. (For OKY, TG0, TG1)
General Description
The
AVXX32E-B is a series of single-chip
synthesizing CMOS VLSI which synthesizes voice
by LOG_PCM algorithm. Table programming and shared
multiple I/O pins make the applications flexible. Powerful
functions and pure speech architecture make the
AVXX32E-B series able to best fit most
speech applications and a best cost/performance ratio
as a result.
The programming of the
AVXX32E-B
series is first to define words. Each word contains
voice data (or mute length), output method, pitch (if
pitch control enabled), and volume (if volume control
enabled). Assemble the words into sentences first,
and then the programmer can assign the sentences
to the keys corresponding to the user inputs.
The I/O pins of the
AVXX32E-B series are
multiplexed. This means the users have flexible I/O
options for their applications in a minimum number of
pin counts, that is, lower cost. The users can use
maximum 4*4 matrix plus one single-key inputs, but
less outputs; or 4 maximum outputs, but less inputs.
The
AVXX32E-B series support DAC or
PWM audio output, the users can select both if
necessary.
The frequency stability in the
AVXX32E-B
series is outstanding. The frequency variation by
voltage change is relatively small compared to the
competitor. Furthermore, volume option offers users
flexible selection for their applications. In addition, the
AVXX32E-B series support current control for
DAC output. Thus users can choose suitable current
output for their BJT component.
The programming and the approval can be done in
the EV chip of the
AVXX32E-B series. It
makes the programming and verification easy.
Please contact
APLUS sales for the EV chip if
required.
10-1
Ver. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com