Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2132 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # AV2132
Description  21, 32, 43, 65 and 87 Seconds Complicate Pure Speech
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV2132 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  AV2132 Datasheet HTML 1Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 2Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 3Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 4Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 5Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 6Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 7Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 8Page - Aplus Intergrated Circuits AV2132 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AVXX32E-B SERIES
DC Characteristics
Symbol
Parameter
Min Typ. Max Unit
Condition
VDD
Operating Voltage
2.4
3.0
5.0
V
Isb
Standby
1
A VDD=3.0V, I/O open
Iop
Supply
Current
Operating
400
A VDD=3.0V, No loading
Iih
-20
A VDD=3.0V, VIP=0V
Iil
Input Current
20
A VDD=3.0V, VIP=3.0V
Iol
10
mA VDD=3.0V, VOP=0.8V
Ioh
Output Current
-5
mA VDD=3.0V, VOP=2.5V
d F/F
Frequency Stability
5
%
(fOSC (4.5V)-fOSC(4.0))/
fOSC (4.5V)
d F/F
Frequency
Variation
by
difference lot
10
%
VDD=4.5V
fOSC =384kHz
Function Diagram
Edge/Level mode (If sentence = word1+word2)
Edge mode
Trigger length > Voice length
Trigger length < Voice length
Level mode
Trigger length > Voice length (if sentence=word1+word2)
10-3
Ver. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com