Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSN2000F Datasheet(PDF) 2 Page - Maxwell Technologies

Part # HSN2000F
Description  Nuclear Event Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

HSN2000F Datasheet(HTML) 2 Page - Maxwell Technologies

  HSN2000F Datasheet HTML 1Page - Maxwell Technologies HSN2000F Datasheet HTML 2Page - Maxwell Technologies HSN2000F Datasheet HTML 3Page - Maxwell Technologies HSN2000F Datasheet HTML 4Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
Nuclear Event Detector
HSN-2000
01.07.05 Rev 3
TABLE 1. PIN DESCRIPTION
PIN NUMBER
PIN FUNCTION
1
Load Voltage, V
L
2
Nuclear Event Detector, NED
3
No Connection
4
External Capacitor
5
External Capacitor
6
Built In Test, BIT
7
Package Ground and Case
8
PIN Diode Bias, V
B
9
Threshold Adjust
10
No Connection
11
No Connection
12
No Connection
13
No Connection
14
Hardened Supply Voltage, V
H
TABLE 2. ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
-55°C < T
A < 125
°C
MIN
MAX
UNIT
GROUP A
SUBGROUP
Hardened Supply Voltage
V
H
4.5
5.5
V
1,2,3
Hardened Supply Current
- Standby 1
- Operational 2
I
H
V
H = 5.5V
--
--
--
30
120
mA
1,2,3
Load Voltage
V
L
--
20
V
1,2,3
Load Current
- Standby 1
- Operational 2
I
L
V
L = 20V
--
--
100
2.25
µA
mA
1,2,3
PIN Diode Bias Voltage - Standby 1
V
B
4.5
20
V
1,2,3
PIN Diode Bias Current - Standby 1
I
B
--
100
µ A
1,2,3
Built-In-Test (BIT) 3,4
V
IH
I
IH
V
IL
I
IL
t
PW
V
IH = 4.0V
V
IL = 0.5V
Pin 9 Open, V
IH = 4.0V
4.0
--
--
--
10
5.5
25
0.5
10
--
V
mA
V
µA
µs
7,8
1,2,3
7,8
1,2,3
9,10,11
NED
V
OH
V
OL
V
L = 20V, IOH = -100 µ A
I
OL = 10 mA
I
OL = 100 mA
18.5
--
--
--
0.6
1.0
V
1,2,3
1,2,3
Radiation Propagation Delay Time 5
t
D
--
20
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com